Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D151G33C0GH6L2R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # D151G33C0GH6L2R
Description  D Series Narrow Tolerance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D151G33C0GH6L2R Datasheet(HTML) 2 Page - Vishay Siliconix

  D151G33C0GH6L2R Datasheet HTML 1Page - Vishay Siliconix D151G33C0GH6L2R Datasheet HTML 2Page - Vishay Siliconix D151G33C0GH6L2R Datasheet HTML 3Page - Vishay Siliconix D151G33C0GH6L2R Datasheet HTML 4Page - Vishay Siliconix D151G33C0GH6L2R Datasheet HTML 5Page - Vishay Siliconix D151G33C0GH6L2R Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 28512
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 07-Jan-10
35
D Series Narrow Tolerance
Ceramic Disc Capacitors
Class 1, 100 VDC, Narrow Tolerance
Vishay BCcomponents
ORDERING INFORMATION, CLASS 1, 100 VDC, KINKED AND STRAIGHT
C (PF)
TOL. (%)
DMAX.
(mm)
LEAD SPACING
F
(mm)
SH/DRMAX. (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
CLASS 1 NP0
1.5
± 0.25 pF
5.0
5.0
4.0
D159C20C0KH6.J5R
2.5
1.5
D159C20C0KH6.L2R
1.8
5.0
4.0
D189C20C0KH6.J5R
2.5
1.5
D189C20C0KH6.L2R
2.2
5.0
4.0
D229C20C0JH6.J5R
2.5
1.5
D229C20C0JH6.L2R
3.3
5.0
4.0
D339C20C0JH6.J5R
2.5
1.5
D339C20C0JH6.L2R
4.7
5.0
4.0
D479C20C0HH6.J5R
2.5
1.5
D479C20C0HH6.L2R
6.8
5.0
4.0
D689C20C0HH6.J5R
2.5
1.5
D689C20C0HH6.L2R
10
± 2
5.0
4.0
D100G20C0GH6.J5R
2.5
1.5
D100G20C0GH6.L2R
15
5.0
4.0
D150G20C0GH6.J5R
2.5
1.5
D150G20C0GH6.L2R
22
5.0
4.0
D220G20C0GH6.J5R
2.5
1.5
D220G20C0GH6.L2R
33
5.0
4.0
D330G20C0GH6.J5R
2.5
1.5
D330G20C0GH6.L2R
47
± 2
6.5
5.0
4.0
D470G25C0GH6.J5R
2.5
1.5
D470G25C0GH6.L2R
68
5.0
4.0
D680G25C0GH6.J5R
2.5
1.5
D680G25C0GH6.L2R
100
7.5
5.0
4.0
D101G29C0GH6.J5R
2.5
1.5
D101G29C0GH6.L2R
150
8.5
5.0
4.0
D151G33C0GH6.J5R
2.5
1.5
D151G33C0GH6.L2R
220
11.0
5.0
4.0
D221G43C0GH6.J5R
2.5
1.5
D221G43C0GH6.L2R
CLASS 1 N750
6.8
± 0.25 pF
5.5
5.0
4.0
D689C20U2JH6.J5R
2.5
1.5
D689C20U2JH6.L2R
10
± 2
5.0
4.0
D100G20U2JH6.J5R
2.5
1.5
D100G20U2JH6.L2R
15
5.0
4.0
D150G20U2JH6.J5R
2.5
1.5
D150G20U2JH6.L2R
22
5.0
4.0
D220G20U2JH6.J5R
2.5
1.5
D220G20U2JH6.L2R
33
5.0
4.0
D330G20U2JH6.J5R
2.5
1.5
D330G20U2JH6.L2R
47
5.0
4.0
D470G20U2JH6.J5R
2.5
1.5
D470G20U2JH6.L2R
68
6.5
5.0
4.0
D680G25U2JH6.J5R
2.5
1.5
D680G25U2JH6.L2R


Similar Part No. - D151G33C0GH6L2R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D151G33C0GH6.J5R VISHAY-D151G33C0GH6.J5R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
D151G33C0GH6.J5R VISHAY-D151G33C0GH6.J5R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors Class 1, 100 VDC, Narrow Tolerance
Revision: 07-Jan-10
D151G33C0GH6.L2R VISHAY-D151G33C0GH6.L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
D151G33C0GH6.L2R VISHAY-D151G33C0GH6.L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors Class 1, 100 VDC, Narrow Tolerance
Revision: 07-Jan-10
More results

Similar Description - D151G33C0GH6L2R

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
UF15NR05P250CT WALSIN-UF15NR05P250CT Datasheet
2Mb / 8P
   Microwave MLCC with Narrow-Tolerance
logo
Vishay Siliconix
D101G29C0GH63L2R VISHAY-D101G29C0GH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors Class 1, 100 VDC, Narrow Tolerance
Revision: 07-Jan-10
HV500V VISHAY-HV500V_1 Datasheet
294Kb / 5P
   Ceramic Disc Capacitors Class 1, 500 V (DC) Narrow Tolerance
Revision: 20-Mar-07
logo
STANLEY ELECTRIC CO.,LT...
PS1195WB STANLEY-PS1195WB Datasheet
602Kb / 10P
   Narrow Distribution
logo
CUI INC
SJ2-3585X-SMT CUI-SJ2-3585X-SMT Datasheet
576Kb / 4P
   narrow footprint
SJ2-3581X-SMT CUI-SJ2-3581X-SMT Datasheet
557Kb / 4P
   narrow footprint
logo
STANLEY ELECTRIC CO.,LT...
AN3803X-4B0 STANLEY-AN3803X-4B0 Datasheet
857Kb / 11P
   Narrow Distribution
logo
KODENSHI_AUK CORP.
BL15-1212H KODENSHI-BL15-1212H Datasheet
113Kb / 3P
   narrow directivity
logo
CUI INC
SJ2-357X-SMT CUI-SJ2-357X-SMT Datasheet
578Kb / 4P
   narrow footprint
SJ2-3586X-SMT CUI-SJ2-3586X-SMT Datasheet
575Kb / 4P
   narrow footprint
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com