Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FHS-HWB1-LL01-O Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FHS-HWB1-LL01-O
Description  FHS LENSES SERIES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FHS-HWB1-LL01-O Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FHS-HWB1-LL01-O Datasheet HTML 2Page - List of Unclassifed Manufacturers FHS-HWB1-LL01-O Datasheet HTML 3Page - List of Unclassifed Manufacturers FHS-HWB1-LL01-O Datasheet HTML 4Page - List of Unclassifed Manufacturers FHS-HWB1-LL01-O Datasheet HTML 5Page - List of Unclassifed Manufacturers FHS-HWB1-LL01-O Datasheet HTML 6Page - List of Unclassifed Manufacturers FHS-HWB1-LL01-O Datasheet HTML 7Page - List of Unclassifed Manufacturers FHS-HWB1-LL01-O Datasheet HTML 8Page - List of Unclassifed Manufacturers FHS-HWB1-LL01-O Datasheet HTML 9Page - List of Unclassifed Manufacturers FHS-HWB1-LL01-O Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ø 26.78
ø 23.96
6.3
7
Lambertian LEDs Lenses Layout
Dimension tolerance is +/- 0.2mm
2003-06-16
FHS LENSES SERIES
DRAWINGS
To mount the lens directly on your Lambertian LUXEON
LED
a ring spacer is required.
See details on page 8.
TM


Similar Part No. - FHS-HWB1-LL01-O

ManufacturerPart #DatasheetDescription
logo
LEM
FHS-40-P-SP600 LEM-FHS-40-P-SP600 Datasheet
3Mb / 18P
   Current transducer FHS 40-P/SP600
logo
Delta Electronics, Inc.
FHS-A6025B00 DELTA-FHS-A6025B00 Datasheet
153Kb / 2P
   Intel Nehalem Socket 1366 2U
FHS-A6025B01 DELTA-FHS-A6025B01 Datasheet
153Kb / 2P
   Intel Nehalem Socket 1366 2U
FHS-A6025B02A DELTA-FHS-A6025B02A Datasheet
2Mb / 22P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
FHS-A7015A40 DELTA-FHS-A7015A40 Datasheet
156Kb / 5P
   Intel Socket 478 Prescott FMB1.5
More results

Similar Description - FHS-HWB1-LL01-O

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZAA09GIT1 ZILOG-ZAA09GIT1 Datasheet
2Mb / 48P
   ZMOTION짰 Lenses
logo
LEM
FHS-40-P-SP600 LEM-FHS-40-P-SP600 Datasheet
3Mb / 18P
   Current transducer FHS 40-P/SP600
logo
Pepperl+Fuchs Inc.
VOS-LE-M12-KIT PF-VOS-LE-M12-KIT Datasheet
434Kb / 1P
   S-mount lenses
logo
Dialight Corporation
OHGDBK DIALIGHT-OHGDBK Datasheet
139Kb / 2P
   20mm LENSES AND HOLDERS
OHES1WH DIALIGHT-OHES1WH Datasheet
190Kb / 2P
   20mm LENSES AND HOLDERS
logo
ALPS ELECTRIC CO.,LTD.
FLGB1ZH ALPS-FLGB1ZH Datasheet
133Kb / 2P
   Micro Aspherical Glass Lenses
logo
Ledil, Inc.
C16140 LEDIL-C16140 Datasheet
3Mb / 3P
   Basepart for reflectors and lenses
logo
List of Unclassifed Man...
FA10301_OSS-M ETC2-FA10301_OSS-M Datasheet
1Mb / 4P
   OSS SQUARE lenses for Osram Dragon LEDs
logo
Ledil, Inc.
DAISY-4X1-WW-D LEDIL-DAISY-4X1-WW-D Datasheet
12Mb / 8P
   ~80째 wide beam. Variant with diffused lenses
DAISY-7X1-W-D LEDIL-DAISY-7X1-W-D Datasheet
13Mb / 9P
   ~50째 wide beam. Variant with diffused lenses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com