Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FHS-HMB1-LL01-H Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FHS-HMB1-LL01-H
Description  FHS LENSES SERIES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FHS-HMB1-LL01-H Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FHS-HMB1-LL01-H Datasheet HTML 1Page - List of Unclassifed Manufacturers FHS-HMB1-LL01-H Datasheet HTML 2Page - List of Unclassifed Manufacturers FHS-HMB1-LL01-H Datasheet HTML 3Page - List of Unclassifed Manufacturers FHS-HMB1-LL01-H Datasheet HTML 4Page - List of Unclassifed Manufacturers FHS-HMB1-LL01-H Datasheet HTML 5Page - List of Unclassifed Manufacturers FHS-HMB1-LL01-H Datasheet HTML 6Page - List of Unclassifed Manufacturers FHS-HMB1-LL01-H Datasheet HTML 7Page - List of Unclassifed Manufacturers FHS-HMB1-LL01-H Datasheet HTML 8Page - List of Unclassifed Manufacturers FHS-HMB1-LL01-H Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FRAEN CORPORATION
80 Newcrossing Road
Reading, MA 01867
Phone 781-205-5300
Fax
781-942-2426
Email
lenses@fraen.com
Web
www.fraen.com
The FHS series offers a complete range of lenses
specially designed for the LUXEON
LED from
Lumileds . Both Batwing and Lambertian
radiation patterns are supported.
A software optimized aspheric profile combined to
front shaped micro-lens arrays enable the
generation of four different lens models:
narrow beam, medium beam, wide beam and a
special elliptical pattern .
The high collection efficiency reaches the 85% of
the total flux emitted from the LED.
Lenses are also available assembled with Fraen’s
Universal Lens Holder. The holder assures the
proper relative placement between the lens and the
LED. Heat staking the four legs of the
holder to the support provides excellent mechanical
strenght.
Typical applications for the FHS lenses coupled with
the LUXEON
LEDs are:
Reading Lamps
Signs
Street Lights
General Illumination
Most applications where uniformity and
high intensity over a wide angle is required
TM
(1)
(2)
TM
!
!
!
!
!
LUXEON
LUXEON
TM
TM
(1)
LUXEON
is a trademark of Lumileds Lighting, LLC
(370 West Trimble Road, San Jose CA 91131). For technical
specification on LEDs please refer to the LUXEON
datasheet or visit www.luxeon.com and www.lumileds.com
(2)
Typical beam divergence may change with
different color LEDs
TM
TM
Patent Pending
Available in 4 different beams
High efficiency
2003-06-16
Doc. FDS-01L-EN
1
FHS LENSES SERIES


Similar Part No. - FHS-HMB1-LL01-H

ManufacturerPart #DatasheetDescription
logo
LEM
FHS-40-P-SP600 LEM-FHS-40-P-SP600 Datasheet
3Mb / 18P
   Current transducer FHS 40-P/SP600
logo
Delta Electronics, Inc.
FHS-A6025B00 DELTA-FHS-A6025B00 Datasheet
153Kb / 2P
   Intel Nehalem Socket 1366 2U
FHS-A6025B01 DELTA-FHS-A6025B01 Datasheet
153Kb / 2P
   Intel Nehalem Socket 1366 2U
FHS-A6025B02A DELTA-FHS-A6025B02A Datasheet
2Mb / 22P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
FHS-A7015A40 DELTA-FHS-A7015A40 Datasheet
156Kb / 5P
   Intel Socket 478 Prescott FMB1.5
More results

Similar Description - FHS-HMB1-LL01-H

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
ZAA09GIT1 ZILOG-ZAA09GIT1 Datasheet
2Mb / 48P
   ZMOTION짰 Lenses
logo
LEM
FHS-40-P-SP600 LEM-FHS-40-P-SP600 Datasheet
3Mb / 18P
   Current transducer FHS 40-P/SP600
logo
Pepperl+Fuchs Inc.
VOS-LE-M12-KIT PF-VOS-LE-M12-KIT Datasheet
434Kb / 1P
   S-mount lenses
logo
Dialight Corporation
OHGDBK DIALIGHT-OHGDBK Datasheet
139Kb / 2P
   20mm LENSES AND HOLDERS
OHES1WH DIALIGHT-OHES1WH Datasheet
190Kb / 2P
   20mm LENSES AND HOLDERS
logo
ALPS ELECTRIC CO.,LTD.
FLGB1ZH ALPS-FLGB1ZH Datasheet
133Kb / 2P
   Micro Aspherical Glass Lenses
logo
Ledil, Inc.
C16140 LEDIL-C16140 Datasheet
3Mb / 3P
   Basepart for reflectors and lenses
logo
List of Unclassifed Man...
FA10301_OSS-M ETC2-FA10301_OSS-M Datasheet
1Mb / 4P
   OSS SQUARE lenses for Osram Dragon LEDs
logo
Ledil, Inc.
DAISY-4X1-WW-D LEDIL-DAISY-4X1-WW-D Datasheet
12Mb / 8P
   ~80째 wide beam. Variant with diffused lenses
DAISY-7X1-W-D LEDIL-DAISY-7X1-W-D Datasheet
13Mb / 9P
   ~50째 wide beam. Variant with diffused lenses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com