Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K10P-11A15-6 Datasheet(PDF) 1 Page - Tyco Electronics

Part # K10P-11A15-6
Description  K10 Series Miniature Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

K10P-11A15-6 Datasheet(HTML) 1 Page - Tyco Electronics

  K10P-11A15-6 Datasheet HTML 1Page - Tyco Electronics K10P-11A15-6 Datasheet HTML 2Page - Tyco Electronics K10P-11A15-6 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Relays
Industrial Relays
K10 Series Miniature Relay
04-2013, Rev. 0413
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield
n
2 Form C contact arrangement
n
AC and DC coils
n
Socket, PCB and top flange mounting options
Typical applications
Industrial controls, medical, motor controls
Approvals
UL E22575; CSA L15734
Technical data of approved types on request
Contact Data
Contact arrangement
2 form C (CO),
2 from A (NO),
2 form B (NC),
1 form A (NO) + 1 form B (NC)
Rated voltage
120VAC
Rated current
15A
Contact material
Ag, AgCdO, AgSnOInO
Min. recommended contact load
Ag contacts
100mA, 12VDC
AgCdO and AgSnInO contacts
300mA, 12VDC
Initial contact resistance
100mΩ
Frequency of operation
360 ops./hour
Operate/release time max.
13/10 ms
Bounce time max.
10ms
Contact ratings
Type
Load
Operations
UL 508
Ag
10A, 30VDC
6x103
10A, 277VAC
6x103
AgCdO
15A, 120VAC
100x103
10A, 277VAC
100x103
15A, 30VDC
100x103
15 FLA, 36 LRA, 120VAC
100x103
1/3HP, 120VAC
1x103
1/2HP, 250VAC
1x103
AgSnOInO
15A, 240VAC
70x103
Mechanical endurance
10x106 operations
Coil Data
Coil voltage range
6 to 110VDC
6 to 240VAC
Coil insulation system according UL
Class B
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
006
6
4.5
0.6
40
900
012
12
9.0
1.2
160
900
024
24
18.0
2.4
650
900
048
48
36.0
4.8
2600
900
110
110
82.5
11.0
11000
1100
All figures are given for coil without preenergization, at ambient temperature +23°C.
Coil Data (continued)
Coil versions, AC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VAC
VAC
VAC
Ω±15%
VA
006
6
5.1
0.6
10.5
1.20
012
12
10.2
1.2
43
1.20
024
24
20.4
2.4
160
1.25
048
48
40.8
4.8
668
1.25
120
120
102.0
12.0
3900
1.35
240
240
204.0
24.0
12000
1.50
All figures are given for coil without preenergization, at ambient temperature +23°C, 60Hz.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
1500Vrms
between adjacent contacts
1500Vrms
between coil and frame
1500Vrms
Initial surge withstand voltage
between adjacent contacts
1000MΩ at 500VDC
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-45°C to 70°C
Category of environmental protection
IEC 61810
RT0 - open relay
RTI - dust protected
Terminal type
quick connect (QC) .187
PCB .120” and .160” long
Weight
51g
Packaging/unit
box/250 pcs., tray/50 pcs.
Accessories
For details see datasheet
Sockets and Accessories, K10 Relays
Product Code Description
27E895
DIN socket
27E487
Track mount socket
20C426
Clip for 27E895 and 27E487
27E488
Chassis/solder socket
27E489
PCB socket
20C217
Clip for 27E488 and 27E489


Similar Part No. - K10P-11A15-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
K10P-11A15-6 MACOM-K10P-11A15-6 Datasheet
290Kb / 3P
   15 Amp General Purpose Miniature Relay
More results

Similar Description - K10P-11A15-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393144-5 MACOM-2-1393144-5 Datasheet
401Kb / 3P
   K10 Series Miniature Relay
2-1419106-1 MACOM-2-1419106-1 Datasheet
185Kb / 3P
   K10 Series Miniature Relay
2-1419106-0 MACOM-2-1419106-0 Datasheet
185Kb / 3P
   K10 Series Miniature Relay
2-1393144-1 MACOM-2-1393144-1 Datasheet
401Kb / 3P
   K10 Series Miniature Relay
2-1419106-7 MACOM-2-1419106-7 Datasheet
185Kb / 3P
   K10 Series Miniature Relay
PT270024 MACOM-PT270024 Datasheet
387Kb / 4P
   Miniature Relay
logo
Nais(Matsushita Electri...
DSP1-DC3V NAIS-DSP1-DC3V Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Freescale Semiconductor...
K10P81M72SF1 FREESCALE-K10P81M72SF1 Datasheet
1Mb / 73P
   K10 Sub-Family
logo
NXP Semiconductors
K10P100M72SF1 NXP-K10P100M72SF1 Datasheet
1Mb / 73P
   K10 Sub-Family
Rev. 2, 4/2012
K10P32M50SF0 NXP-K10P32M50SF0 Datasheet
1Mb / 57P
   K10 Sub-Family
Rev. 4 5/2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com