Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6284G Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N6284G
Description  Darlington ComplementarySilicon Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6284G Datasheet(HTML) 1 Page - ON Semiconductor

  2N6284G Datasheet HTML 1Page - ON Semiconductor 2N6284G Datasheet HTML 2Page - ON Semiconductor 2N6284G Datasheet HTML 3Page - ON Semiconductor 2N6284G Datasheet HTML 4Page - ON Semiconductor 2N6284G Datasheet HTML 5Page - ON Semiconductor 2N6284G Datasheet HTML 6Page - ON Semiconductor 2N6284G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2008
September, 2008 − Rev. 4
1
Publication Order Number:
2N6284/D
2N6284 (NPN); 2N6286,
2N6287 (PNP)
Preferred Device
Darlington Complementary
Silicon Power Transistors
These packages are designed for general−purpose amplifier and
low−frequency switching applications.
Features
High DC Current Gain @ IC = 10 Adc −
hFE = 2400 (Typ) − 2N6284
= 4000 (Typ) − 2N6287
Collector−Emitter Sustaining Voltage −
VCEO(sus) = 100 Vdc (Min)
Monolithic Construction with Built−In Base−Emitter Shunt Resistors
Pb−Free Packages are Available*
MAXIMUM RATINGS (Note 1)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
2N6286
2N6284/87
VCEO
80
100
Vdc
Collector−Base Voltage
2N6286
2N6284/87
VCB
80
100
Vdc
Emitter−Base Voltage
VEB
5.0
Vdc
Collector Current − Continuous
Peak
IC
20
40
Adc
Base Current
IB
0.5
Adc
Total Power Dissipation @ TC = 25°C
Derate above 25°C
PD
160
0.915
W
W/°C
Operating and Storage Temperature
Range
TJ, Tstg
−65 to + 200
°C
THERMAL CHARACTERISTICS (Note 1)
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
1.09
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Indicates JEDEC Registered Data.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
20 AMPERE
COMPLEMENTARY SILICON
POWER TRANSISTORS
100 VOLTS, 160 WATTS
TO−204AA (TO−3)
CASE 1−07
STYLE 1
MARKING DIAGRAM
2N628x
= Device Code
x = 4, 6 or 7
G= Pb−Free Package
A
= Location Code
YY
= Year
WW
= Work Week
MEX
= Country of Orgin
2N628xG
AYYWW
MEX
Device
Package
Shipping
ORDERING INFORMATION
2N6284
TO−3
100 Units/Tray
2N6284G
TO−3
(Pb−Free)
100 Units/Tray
2N6286
TO−3
100 Units/Tray
2N6286G
TO−3
(Pb−Free)
100 Units/Tray
2N6287
TO−3
100 Units/Tray
2N6287G
TO−3
(Pb−Free)
100 Units/Tray
COLLECTOR
CASE
BASE
1
EMITTER 2
2
1


Similar Part No. - 2N6284G

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6284 MOSPEC-2N6284 Datasheet
211Kb / 4P
   POWER TRANSISTORS(20A,160W)
logo
Seme LAB
2N6284 SEME-LAB-2N6284 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
logo
ON Semiconductor
2N6284 ONSEMI-2N6284 Datasheet
214Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995
2N6284 ONSEMI-2N6284 Datasheet
141Kb / 7P
   Darlington Complementary Silicon Power Transistors
September, 2008 ??Rev. 4
logo
STMicroelectronics
2N6284 STMICROELECTRONICS-2N6284 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results

Similar Description - 2N6284G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD6039 ONSEMI-MJD6039 Datasheet
80Kb / 5P
   Darlington Power Transistors
January, 2006 ??Rev. 4
MJE5740 ONSEMI-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS
REV 1
MJD6039 ONSEMI-MJD6039_12 Datasheet
188Kb / 5P
   Darlington Power Transistors
February, 2012 ??Rev. 9
logo
List of Unclassifed Man...
GE10015 ETC-GE10015 Datasheet
183Kb / 1P
   Darlington Power Transistors
logo
NEC
2SD1296 NEC-2SD1296 Datasheet
151Kb / 1P
   Darlington Power Transistors
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
MJE700 ONSEMI-MJE700 Datasheet
256Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
TAITRON Components Inco...
TIP100 TAITRON-TIP100 Datasheet
240Kb / 4P
   Darlington Power Transistors (NPN)
logo
NXP Semiconductors
BDT64 PHILIPS-BDT64 Datasheet
487Kb / 15P
   SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
Comset Semiconductor
BD643 COMSET-BD643 Datasheet
336Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com