Selected language     English  ▼


4-1393144-4 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. 4-1393144-4
Description  K10 Series Miniature Relay
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 2 page
background image
General Purpose Relays
Industrial Relays
K10 Series Miniature Relay (Continued)
04-2013, Rev. 0413
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield
Dimensions
Mounting code 1
Socket mount
Terminal assignment
2 Form C
2 Form A (delete 1 and 2)
2 Form B (delete 3 and 4)
PCB layout
Bottom view on solder pins
Mounting code 5
Printed circuit terminals
Mounting code T
Flange mount
Product code structure
Typical product code
K10
P
-11
D
1
5
-6
Type
K10
15A Miniature Relay, K10 Series
Cover
P Polycarbonate (smoke color)
L
Neon or LED, polycarbonate dust cover (smoke color)
Option without cover (open style) on request
Contact arrangement
7
2 form A (NO)
8
2 form B (NC)
11 2 form C (CO)
50 1 form A and 1 form B (NO and NC)
Coil input
A 50/60Hz AC
D DC
Mounting & termination
1
Socket mount; .187“ (4.75mm) quick connect/solder terminals
5
Printed circuit terminals; .160“ (4.1mm) length.
T
Mounting bracket on end of cover; .187“ (4.75mm) quick connect/solder terminals
Options with mounting plates on narrow side or on end cover and shorter (.120“ (3.05mm)) PCB terminals on request
Contact type
1
Ag (10A)
5
AgCdO (15A)
P AgSnOIn (15A)
Coil voltage
Coil code: please refer to coil versions table
1
2
3
4
5
6
A
B
.086 DIA.
(2.18)
.394
(10.01)
.185
(4.70)
.232
(5.89)
.559
(14.20)
.285
(7.24)
.394
(10.01)
w/NEON INDI CATOR
1.600 MAX.
(40.64)
.25 (6.4)
1.375 MAX.
(34.93)
.020 ± .0 02
(.51 ± .05)
.187 ± .0 02
(4.75 ± .05)
.125
(3.18)
.078
(1.98)
1.109 MAX.
(28.17)
.860 MAX.
(21.84)
.559
(14.20)
.281
(7.14)
.517
(13.13)
.181
(4.60)
.239 REF.
(6.07)
.160
(4.06)
.020 ± .0 02
(.51 ± .05)
.078
(1.98)
.854 MAX.
(21.69)
1.682 MAX.
(42.72)
.078 TYP.
(1.98)
.142 TYP.
(3.61)
12
3
4
5
6
A
B




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl