Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25640 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT25640
Description  64-Kb SPI Serial CMOS EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25640 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT25640 Datasheet HTML 1Page - ON Semiconductor CAT25640 Datasheet HTML 2Page - ON Semiconductor CAT25640 Datasheet HTML 3Page - ON Semiconductor CAT25640 Datasheet HTML 4Page - ON Semiconductor CAT25640 Datasheet HTML 5Page - ON Semiconductor CAT25640 Datasheet HTML 6Page - ON Semiconductor CAT25640 Datasheet HTML 7Page - ON Semiconductor CAT25640 Datasheet HTML 8Page - ON Semiconductor CAT25640 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
CAT25640
http://onsemi.com
5
Table 7. A.C. CHARACTERISTICS – NEW PRODUCT (Rev F) (VCC = 1.8 V to 5.5 V, TA = −40°C to +85°C (Industrial) and
VCC = 2.5 V to 5.5 V, TA = −40°C to +125°C, unless otherwise specified.) (Note 9)
Symbol
Parameter
VCC = 1.8 V − 5.5 V
−405C to +855C
VCC = 2.5 V − 5.5 V
−405C to +1255C
VCC = 4.5 V − 5.5 V
−405C to +855C
Units
Min
Max
Min
Max
Min
Max
fSCK
Clock Frequency
DC
5
DC
10
DC
20
MHz
tSU
Data Setup Time
20
10
5
ns
tH
Data Hold Time
20
10
5
ns
tWH
SCK High Time
75
40
20
ns
tWL
SCK Low Time
75
40
20
ns
tLZ
HOLD to Output Low Z
50
25
25
ns
tRI (Note 10)
Input Rise Time
2
2
2
ms
tFI (Note 10)
Input Fall Time
2
2
2
ms
tHD
HOLD Setup Time
0
0
0
ns
tCD
HOLD Hold Time
10
10
5
ns
tV
Output Valid from Clock Low
70
35
20
ns
tHO
Output Hold Time
0
0
0
ns
tDIS
Output Disable Time
50
20
20
ns
tHZ
HOLD to Output High Z
100
25
25
ns
tCS
CS High Time
80
40
20
ns
tCSS
CS Setup Time
30
30
15
ns
tCSH
CS Hold Time
30
30
20
ns
tCNS
CS Inactive Setup Time
20
20
15
ns
tCNH
CS Inactive Hold Time
20
20
15
ns
tWPS
WP Setup Time
10
10
10
ns
tWPH
WP Hold Time
10
10
10
ns
tWC (Note 11)
Write Cycle Time
5
5
5
ms
9. AC Test Conditions:
Input Pulse Voltages: 0.3 VCC to 0.7 VCC
Input rise and fall times: ≤ 10 ns
Input and output reference voltages: 0.5 VCC
Output load: current source IOL max/IOH max; CL = 30 pF
10.This parameter is tested initially and after a design or process change that affects the parameter.
11. tWC is the time from the rising edge of CS after a valid write sequence to the end of the internal write cycle.
Table 8. POWER−UP TIMING (Notes 10, 12)
Symbol
Parameter
Max
Units
tPUR
Power−up to Read Operation
1
ms
tPUW
Power−up to Write Operation
1
ms
12.tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.


Similar Part No. - CAT25640

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25640 CATALYST-CAT25640 Datasheet
233Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25640 ONSEMI-CAT25640 Datasheet
188Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 7
CAT25640 ONSEMI-CAT25640 Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAT25640 ONSEMI-CAT25640 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
CAT25640HU3E-GT3 ONSEMI-CAT25640HU3E-GT3 Datasheet
188Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 7
More results

Similar Description - CAT25640

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV25640 ONSEMI-CAV25640 Datasheet
159Kb / 14P
   64-Kb SPI Serial CMOS EEPROM
July, 2011 ??Rev. 0
ENA2255 ONSEMI-ENA2255 Datasheet
184Kb / 17P
   64 kb SPI CMOS Serial EEPROM
December, 2013
CAT25640HU3IGT3E ONSEMI-CAT25640HU3IGT3E Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
logo
Catalyst Semiconductor
CAT25640 CATALYST-CAT25640 Datasheet
233Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25640LI-G ONSEMI-CAT25640LI-G Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAT25640 ONSEMI-CAT25640 Datasheet
188Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 7
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
CAT25640 ONSEMI-CAT25640_18 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com