Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM24C03 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NM24C03
Description  2K-Bit Standard 2-Wire Bus
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM24C03 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NM24C03 Datasheet HTML 1Page - Fairchild Semiconductor NM24C03 Datasheet HTML 2Page - Fairchild Semiconductor NM24C03 Datasheet HTML 3Page - Fairchild Semiconductor NM24C03 Datasheet HTML 4Page - Fairchild Semiconductor NM24C03 Datasheet HTML 5Page - Fairchild Semiconductor NM24C03 Datasheet HTML 6Page - Fairchild Semiconductor NM24C03 Datasheet HTML 7Page - Fairchild Semiconductor NM24C03 Datasheet HTML 8Page - Fairchild Semiconductor NM24C03 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
www.fairchildsemi.com
NM24C02/03 Rev. G
Ordering Information
NM
24
C
XX
F
LZ
E
XXX
Letter
Description
Package
N
8-pin DIP
M8
8-pin SOIC
MT8
8-pin TSSOP
Temp. Range
None
0 to 70
°C
V
-40 to +125
°C
E
-40 to +85
°C
Voltage Operating Range
Blank
4.5V to 5.5V
L
2.7V to 5.5V
LZ
2.7V to 5.5V and
<1
µA Standby Current
SCL Clock Frequency
Blank
100KHz
F
400KHz
Density
02
2K
03
2K with Write Protect
C
CMOS Technology
Interface
24
IIC
NM
Fairchild Non-Volatile
Memory


Similar Part No. - NM24C03

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U/03U FAIRCHILD-NM24C02U/03U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C04EM8 FAIRCHILD-NM24C04EM8 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C04EMT8 FAIRCHILD-NM24C04EMT8 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results

Similar Description - NM24C03

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM34C02 FAIRCHILD-NM34C02 Datasheet
90Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
FM24C08U FAIRCHILD-FM24C08U Datasheet
105Kb / 14P
   8K-Bit Standard 2-Wire Bus
NM34W02 FAIRCHILD-NM34W02 Datasheet
93Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
FM34W02U FAIRCHILD-FM34W02U Datasheet
95Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com