Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1848MC Datasheet(PDF) 2 Page - ON Semiconductor

Part # LB1848MC
Description  Low-Voltage/Low Saturation Voltage Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1848MC Datasheet(HTML) 2 Page - ON Semiconductor

  LB1848MC Datasheet HTML 1Page - ON Semiconductor LB1848MC Datasheet HTML 2Page - ON Semiconductor LB1848MC Datasheet HTML 3Page - ON Semiconductor LB1848MC Datasheet HTML 4Page - ON Semiconductor LB1848MC Datasheet HTML 5Page - ON Semiconductor LB1848MC Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LB1848MC
No.A2036-2/6
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.5 to 7.5
V
Input high-level voltage
VIH
2.5 to 7.5
V
Input low-level voltage
VIL
-0.3 to +0.7
V
Electrical Characteristics at Ta
= 25°C, VCC = 5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC0
ENA = 0V, VIN = 3V or 0V
-
0.1
10
µA
Current drain
ICC1
ENA = 3V, VIN = 3V or 0V
-
25
35
mA
VOUT1
ENA = 3V, VIN = 3V or 0V, VCC = 3 to 7.5V,
IOUT = 200mA
-
0.27
0.4
V
Output saturation voltage
VOUT2
ENA = 3V, VIN = 3V or 0V, VCC = 4 to 7.5V,
IOUT = 400mA
-
0.55
0.8
V
IIN
VIN = 5V
-
75
100
µA
Input current
IENA
ENA = 5V
-
85
110
µA
Spark Killer Diode
Reverse current
IS (leak)
-
-
30
µA
Forward voltage
VSF
IOUT = 400mA
-
-
1.7
V
Package Dimensions
unit : mm (typ)
3426A
SANYO : SOIC10
4.9
6
10
5
1
0.21
0.41
1.0
Pd max -- Ta
0
400
427
200
600
1000
800
820
60
40
80
100
020
--20
Ambient temperature, Ta - C


Similar Part No. - LB1848MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1848MC SANYO-LB1848MC Datasheet
150Kb / 6P
   Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
ON Semiconductor
LB1848MC ONSEMI-LB1848MC Datasheet
137Kb / 6P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
June, 2013
LB1848MC-AH ONSEMI-LB1848MC-AH Datasheet
137Kb / 6P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
June, 2013
More results

Similar Description - LB1848MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1846M SANYO-LB1846M_99 Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1848M-TE-R-E SANYO-LB1848M-TE-R-E Datasheet
144Kb / 8P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
ON Semiconductor
LB1848MC-AH ONSEMI-LB1848MC-AH Datasheet
137Kb / 6P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1846M SANYO-LB1846M Datasheet
104Kb / 6P
   Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
Leshan Radio Company
MMBT1010LT1 LRC-MMBT1010LT1 Datasheet
72Kb / 1P
   Low Saturation Voltage
logo
MAKO SEMICONDUCTOR CO.,...
2SA1797 MAKOSEMI-2SA1797 Datasheet
122Kb / 2P
   Low saturation voltage
logo
Inchange Semiconductor ...
D44C9 ISC-D44C9 Datasheet
191Kb / 2P
   Low Saturation Voltage
D44C1 ISC-D44C1 Datasheet
191Kb / 2P
   Low Saturation Voltage
D44C4 ISC-D44C4 Datasheet
191Kb / 2P
   Low Saturation Voltage
logo
IXYS Corporation
FII30-06D IXYS-FII30-06D Datasheet
395Kb / 5P
   low saturation voltage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com