Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2950 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LP2950
Description  100 mA, Low Power Low Dropout Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2950 Datasheet(HTML) 4 Page - ON Semiconductor

  LP2950 Datasheet HTML 1Page - ON Semiconductor LP2950 Datasheet HTML 2Page - ON Semiconductor LP2950 Datasheet HTML 3Page - ON Semiconductor LP2950 Datasheet HTML 4Page - ON Semiconductor LP2950 Datasheet HTML 5Page - ON Semiconductor LP2950 Datasheet HTML 6Page - ON Semiconductor LP2950 Datasheet HTML 7Page - ON Semiconductor LP2950 Datasheet HTML 8Page - ON Semiconductor LP2950 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LP2950, LP2951, NCV2951
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
(Vin = VO + 1.0 V, IO = 100 mA, CO = 1.0 mF, TA = 25C [Note 3], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage, 5.0 V Versions
VO
V
Vin = 6.0 V, IO = 100 mA, TA = 25C
LP2950C−5.0/LP2951C/NCV2951C*
4.950
5.000
5.050
LP2950AC−5.0/LP2951AC/NCV2951AC*
4.975
5.000
5.025
TA = −40 to +125C
LP2950C−5.0/LP2951C/NCV2951C*
4.900
5.100
LP2950AC−5.0/LP2951AC/NCV2951AC*
4.940
5.060
Vin = 6.0 to 30 V, IO = 100 mA to 100 mA, TA = −40 to +125C
LP2950C−5.0/LP2951C/NCV2951C*
4.880
5.120
LP2950AC−5.0/LP2951AC/NCV2951AC*
4.925
5.075
Output Voltage, 3.3 V Versions
VO
V
Vin = 4.3 V, IO = 100 mA, TA = 25C
LP2950C−3.3/LP2951C−3.3
3.267
3.300
3.333
LP2950AC−3.3/LP2951AC−3.3/NCV2951AC−3.3*
3.284
3.300
3.317
TA = −40 to +125C
LP2950C−3.3/LP2951C−3.3
3.234
3.366
LP2950AC−3.3/LP2951AC−3.3/NCV2951AC−3.3*
3.260
3.340
Vin = 4.3 to 30 V, IO = 100 mA to 100 mA, TA = −40 to +125C
LP2950C−3.3/LP2951C−3.3
3.221
3.379
LP2950AC−3.3/LP2951AC−3.3/NCV2951AC−3.3*
3.254
3.346
Output Voltage, 3.0 V Versions
VO
V
Vin = 4.0 V, IO = 100 mA, TA = 25C
LP2950C−3.0/LP2951C−3.0
2.970
3.000
3.030
LP2950AC−3.0/LP2951AC−3.0
2.985
3.000
3.015
TA = −40 to +125C
LP2950C−3.0/LP2951C−3.0
2.940
3.060
LP2950AC−3.0/LP2951AC−3.0
2.964
3.036
Vin = 4.0 to 30 V, IO = 100 mA to 100 mA, TA = −40 to +125C
LP2950C−3.0/LP2951C−3.0
2.928
3.072
LP2950AC−3.0/LP2951AC−3.0
2.958
3.042
1. The Junction−to−Ambient Thermal Resistance is determined by PCB copper area per Figure 29.
2. This device series contains ESD protection and exceeds the following tests:
Human Body Model (HBM), 2000 V, Class 2, JESD22 A114−C
Machine Model (MM), 200 V, Class B, JESD22 A115−A
Charged Device Model (CDM), 2000 V, Class IV, JESD22 C101−C
3. Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
4. VO(nom) is the part number voltage option.
5. Noise tests on the LP2951 are made with a 0.01 mF capacitor connected across Pins 7 and 1.
*NCV prefix is for automotive and other applications requiring site and change control.


Similar Part No. - LP2950

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2950 NSC-LP2950 Datasheet
1Mb / 26P
   Series of Adjustable Micropower Voltage Regulators
logo
Texas Instruments
LP2950 TI-LP2950 Datasheet
2Mb / 25P
[Old version datasheet]   ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
logo
ON Semiconductor
LP2950 ONSEMI-LP2950 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2950 ONSEMI-LP2950 Datasheet
289Kb / 16P
   Micropower Voltage Regulators
October, 1999 ??Rev. 5
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
137Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - LP2950

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LP2950 ONSEMI-LP2950_06 Datasheet
194Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
December, 2006 ??Rev. 19
LP2951ACDG ONSEMI-LP2951ACDG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDR2G ONSEMI-LP2951ACDR2G Datasheet
257Kb / 24P
   100 mA, Low Power Low Dropout Voltage Regulator
September, 2011 ??Rev. 25
LP2951CDG ONSEMI-LP2951CDG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951CDR2G ONSEMI-LP2951CDR2G Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACDM-33R2 ONSEMI-LP2951ACDM-33R2 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951CDMR2 ONSEMI-LP2951CDMR2 Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2950ACDT-5RKG ONSEMI-LP2950ACDT-5RKG Datasheet
277Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
NCV2951CDR2G ONSEMI-NCV2951CDR2G Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
LP2951ACD-33R2G ONSEMI-LP2951ACD-33R2G Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com