Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV49152V-TLM-E Datasheet(PDF) 4 Page - ON Semiconductor

Part # LV49152V-TLM-E
Description  Class-D Audio Power Amplifier BTL 15W2ch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV49152V-TLM-E Datasheet(HTML) 4 Page - ON Semiconductor

  LV49152V-TLM-E Datasheet HTML 1Page - ON Semiconductor LV49152V-TLM-E Datasheet HTML 2Page - ON Semiconductor LV49152V-TLM-E Datasheet HTML 3Page - ON Semiconductor LV49152V-TLM-E Datasheet HTML 4Page - ON Semiconductor LV49152V-TLM-E Datasheet HTML 5Page - ON Semiconductor LV49152V-TLM-E Datasheet HTML 6Page - ON Semiconductor LV49152V-TLM-E Datasheet HTML 7Page - ON Semiconductor LV49152V-TLM-E Datasheet HTML 8Page - ON Semiconductor LV49152V-TLM-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LV49152V
No.A1408-4/24
Block Diagram and Application Circuit Example 1 (RL = 8Ω)
44
43
42
41
40
39
38
37
36
32
31
30
29
28
27
26
25
24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
RL
+
0-5V
0-5V
VIN1
+
1
μF
MUTE
VIN2
-
VREG5
VBIAS
BIASCAP
VCC
MUTECAP
NC1
NC2
NC3
NC4
NC5
NC6
NC7
NC8
NC9
GND
STBY
VIN1
-
PLC
PVD1
BOOT1-
VDD1
BOOT2-
OUT2-
OUT2+
OUT2+
OUT2-
OUT1-
OUT1+
OUT1+
BOOT2+
BOOT1+
VDD2
OUT1-
PGND2
PGND2
35
34
33
PGND1
FB
FB
FB
FB
PGND1
PVD1
PVD2
1
μF
0 to 20k
Ω
1
μF
1
μF
19
20
21
22
VIN2
+
1
μF
22
μF
1
μF
1
μF
1
μF
1
μF
+
470
μF
1
μF
+
470
μF
1
μF
0.1
μF
0.1
μF
0.1
μF
VD
0.47
μF
0.1
μF
0.22
μF
33
μH
33
μH
23
PVD2
RL
0.1
μF
0.1
μF
0.1
μF
0.47
μF
0.1
μF
0.22
μF
33
μH
33
μH
REC. & CONT.
OUTPUT
OUTPUT
START
SEQUENCE
POWER LIMITER
OUTPUT
OUTPUT
REC. & CONT.


Similar Part No. - LV49152V-TLM-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
LV49152V SANYO-LV49152V_10 Datasheet
481Kb / 24P
   Class-D Audio Power Amplifier BTL 15W 횞 2ch
More results

Similar Description - LV49152V-TLM-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV4912GP SANYO-LV4912GP_11 Datasheet
165Kb / 11P
   Class-D Audio Power Amplifier BTL 2W횞1ch
LV4924VH SANYO-LV4924VH Datasheet
808Kb / 15P
   Class-D Audio power Amplifier Power cell BTL 10W횞2ch
LV49152V SANYO-LV49152V_10 Datasheet
481Kb / 24P
   Class-D Audio Power Amplifier BTL 15W 횞 2ch
logo
STMicroelectronics
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
   25 W mono BTL class-D audio amplifier
TDA7498MV STMICROELECTRONICS-TDA7498MV Datasheet
794Kb / 27P
   100-watt mono BTL class-D audio amplifier
AN4015 STMICROELECTRONICS-AN4015 Datasheet
2Mb / 22P
   Dual-BTL class-D audio amplifier demonstration board
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
   50 W mono BTL class-D audio amplifier
logo
Sanyo Semicon Device
LV4900H SANYO-LV4900H Datasheet
450Kb / 14P
   Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W횞2ch
LV4900HR SANYO-LV4900HR Datasheet
385Kb / 14P
   Bi-CMOS LSI Class-D Audio Power Amplifier BTL 10W횞2ch
logo
NXP Semiconductors
TFA9812 PHILIPS-TFA9812 Datasheet
385Kb / 66P
   BTL stereo Class-D audio amplifier with I2S input
Rev. 02-22 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com