Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8-147099-0 Datasheet(PDF) 28 Page - Tyco Electronics

Part # 8-147099-0
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

8-147099-0 Datasheet(HTML) 28 Page - Tyco Electronics

Back Button 8-147099-0 Datasheet HTML 24Page - Tyco Electronics 8-147099-0 Datasheet HTML 25Page - Tyco Electronics 8-147099-0 Datasheet HTML 26Page - Tyco Electronics 8-147099-0 Datasheet HTML 27Page - Tyco Electronics 8-147099-0 Datasheet HTML 28Page - Tyco Electronics 8-147099-0 Datasheet HTML 29Page - Tyco Electronics 8-147099-0 Datasheet HTML 30Page - Tyco Electronics 8-147099-0 Datasheet HTML 31Page - Tyco Electronics 8-147099-0 Datasheet HTML 32Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 98 page
background image
208
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Wire-Applied Housings for Locking Clip Contacts,
Single-Row, .100 [2.54] Centerline
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Single-Row
Material
Glass-filled polyester, 94V-0 rated
Related Product Data
Contacts — page 207
Mateable Headers and Posts —
Refer to the Mating Post Selection
Guide — page 90
Technical Documents
pages 277, 278
Product Specification
108-36028, 108-36028-1
Application Specification
114-25006
.125 [3.18] centerline single-row,
2 and 3 position housings are
available, Base Part No. 104905.
They are designed to be stackable
end-to-end and side-by-side.
Consult Tyco Electronics.
Keying Plug
Part No. 87179-1
(Plugs directly into housings for
.025 [0.64] square post contacts)
Material — Yellow, nylon
A
C
Typ.
B
.085
[2.16]
.100
[2.54]
Typ.
.175
[4.44]
.700
[17.78]
.025 [0.64]
Sq. Post
(Shown for
Ref. only)
.350
.273
8.89
6.93
.145
[3.68]
.060
[1.52]
[]
(Post
Length)
No. of
Dimensions
Housing Part No.
Pos.
A
B
C
Unstamped
Stamped
1
.108 [2.74]
.054 [1.37]
87175-2
2
.216 [5.49]
.100 [2.54]
.058 [1.47]
87175-6
3
.316 [8.03]
.200 [5.08]
.058 [1.47]
87175-8
4
.416 [10.57]
.300 [7.62]
.058 [1.47]
1-87175-0
5
.516 [13.11]
.400 [10.16]
.058 [1.47]
1-87175-2
6
.616 [15.65]
.500 [12.70]
.058 [1.47]
1-87175-4
1-87175-3
7
.716 [18.19]
.600 [15.24]
.058 [1.47]
1-87175-6
1-87175-5
8
.816 [20.73]
.700 [17.78]
.058 [1.47]
1-87175-8
1-87175-7
9
.916 [23.27]
.800 [20.32]
.058 [1.47]
2-87175-0
1-87175-9
10
1.016 [25.81]
.900 [22.86]
.058 [1.47]
2-87175-2
2-87175-1
11
1.116 [28.35]
1.000 [25.40]
.058 [1.47]
2-87175-4
2-87175-3
12
1.216 [30.89]
1.100 [27.94]
.058 [1.47]
2-87175-6
2-87175-5
13
1.316 [33.43]
1.200 [30.48]
.058 [1.47]
2-87175-8
2-87175-7
14
1.416 [35.97]
1.300 [33.02]
.058 [1.47]
3-87175-0
2-87175-9
15
1.516 [38.51]
1.400 [35.56]
.058 [1.47]
87175-4
87175-3
Note: Housing illustrated above is the “Both Ends Closed” version.


Similar Part No. - 8-147099-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
8-147099-0 MACOM-8-147099-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
More results

Similar Description - 8-147099-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
1-87456-1 MACOM-1-87456-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com