Electronic Components Datasheet Search |
|
IRHN9150 Datasheet(PDF) 2 Page - International Rectifier |
|
IRHN9150 Datasheet(HTML) 2 Page - International Rectifier |
2 / 8 page IRHN9150, JANSR2N7422U Pre-Irradiation 2 www.irf.com Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified) Parameter Min Typ Max Units Test Conditions BVDSS Drain-to-Source Breakdown Voltage -100 — — V VGS = 0V, ID =-1.0mA ∆BVDSS/∆TJ Temperature Coefficient of Breakdown — -0.093 — V/°C Reference to 25°C, ID = -1.0mA Voltage RDS(on) Static Drain-to-Source On-State — — 0.080 VGS = -12V, ID = -14A➃ Resistance — — 0.085 Ω VGS = -12V, ID = -22A➃ VGS(th) Gate Threshold Voltage -2.0 — -4.0 V VDS = VGS, ID = -1.0mA gfs Forward Transconductance 11 — — S ( ) VDS >-15V, IDS = -14A ➃ IDSS Zero Gate Voltage Drain Current — — -25 VDS= -80V ,VGS=0V — — -250 VDS = -80V, VGS = 0V, TJ = 125°C IGSS Gate-to-Source Leakage Forward — — -100 VGS = -20V IGSS Gate-to-Source Leakage Reverse — — 100 VGS = 20V Qg Total Gate Charge — — 200 VGS =-12V, ID = -22A Qgs Gate-to-Source Charge — — 35 nC VDS = -50V Qgd Gate-to-Drain (‘Miller’) Charge — — 48 td(on) Turn-On Delay Time — — 40 VDD = -50V, ID = -22A, tr Rise Time — — 170 VGS =-12V, RG = 2.35Ω td(off) Turn-Off Delay Time — — 190 tf Fall Time — — 190 LS + LD Total Inductance — 4.0 — Ciss Input Capacitance — 4300 — VGS = 0V, VDS = -25V Coss Output Capacitance — 1100 — pF f = 1.0MHz Crss Reverse Transfer Capacitance — 310 — nA nH ns µA Thermal Resistance Parameter Min Typ Max Units Test Conditions RthJC Junction-to-Case — — 0.83 RthJ-PCB Junction-to-PC board — 6.6 — soldered to a 1”sq. copper-clad board °C/W Measured from the center of drain pad to center of source pad Source-Drain Diode Ratings and Characteristics Parameter Min Typ Max Units Test Conditions IS Continuous Source Current (Body Diode) — — -22 ISM Pulse Source Current (Body Diode) ➀ — — -88 VSD Diode Forward Voltage — — -3.0 V Tj = 25°C, IS = -22A, VGS = 0V ➃ trr Reverse Recovery Time — — 300 nS Tj = 25°C, IF = -22A, di/dt ≤ -100A/µs QRR Reverse Recovery Charge — — 1.5 µC VDD ≤ -50V ➃ ton Forward Turn-On Time Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD. A Note: Corresponding Spice and Saber models are available on International Rectifier Web site. For footnotes refer to the last page |
Similar Part No. - IRHN9150 |
|
Similar Description - IRHN9150 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |