Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T7X474KT20 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T7X474KT20
Description  7 mm Diameter Miniature Cermet Trimmer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T7X474KT20 Datasheet(HTML) 4 Page - Vishay Siliconix

  T7X474KT20 Datasheet HTML 1Page - Vishay Siliconix T7X474KT20 Datasheet HTML 2Page - Vishay Siliconix T7X474KT20 Datasheet HTML 3Page - Vishay Siliconix T7X474KT20 Datasheet HTML 4Page - Vishay Siliconix T7X474KT20 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
T7
www.vishay.com
Vishay Sfernice
Revision: 05-Aug-13
4
Document Number: 51015
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGING
• In box of 200 pieces, code B40
• On request: In tube of 50 pieces, code T20 (TU50)
ORDERING INFORMATION (part number)
MODEL
STYLE
OHMIC VALUE
TOLERANCE
PACKAGING CODE
SPECIAL NUMBER
T7
YA
YB
X
From 10
to 2.2 M
103 = 10K
M = 20 %
On request:
K = 10 %
B40 = Box 200 pieces
On request:
T20 = Tube 50 pieces
(If applicable)
Given by Vishay for custom
design
DESCRIPTION (for information only)
T7
YA
470K
20 %
BO
e2
MODEL
STYLE
VALUE
TOLERANCE
SPECIAL
PACKAGING
LEAD FINISH
A
474
B
4
0
M
7Y
T


Similar Description - T7X474KT20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T7YA474MB40 VISHAY-T7YA474MB40 Datasheet
94Kb / 5P
   7 mm Diameter Miniature Single-Turn Cermet Trimmer
01-Jan-2022
logo
CTS Corporation
307 CTS-307 Datasheet
241Kb / 2P
   Commercial miniature 6 mm cermet trimmer potentiometer
306 CTS-306 Datasheet
228Kb / 2P
   Commercial miniature 6 mm square cermet trimmer potentiometer
logo
Vishay Siliconix
T53Y VISHAY-T53Y Datasheet
106Kb / 4P
   Miniature Trimmer Single-Turn Cermet
Revision: 21-Jun-06
P8P VISHAY-P8P_V01 Datasheet
114Kb / 5P
   8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
01-Jan-2022
P8S VISHAY-P8S_V01 Datasheet
84Kb / 5P
   8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
01-Jan-2022
logo
CTS Corporation
303 CTS-303 Datasheet
163Kb / 2P
   Miniature 3 mm surface mount chip-type cermet trimmer potentiometer
logo
Vishay Siliconix
TS3 VISHAY-TS3 Datasheet
120Kb / 4P
   3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
Revision: 31-Jan-17
TS3 VISHAY-TS3_V01 Datasheet
114Kb / 4P
   3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
01-Jan-2022
P8S VISHAY-P8S_17 Datasheet
102Kb / 5P
   8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
Revision: 03-Apr-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com