Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-178802-3 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 1-178802-3
Description  Wire-to-Board, Wire-to-Panel and Wire-to-Wire
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-178802-3 Datasheet(HTML) 5 Page - Tyco Electronics

  1-178802-3 Datasheet HTML 1Page - Tyco Electronics 1-178802-3 Datasheet HTML 2Page - Tyco Electronics 1-178802-3 Datasheet HTML 3Page - Tyco Electronics 1-178802-3 Datasheet HTML 4Page - Tyco Electronics 1-178802-3 Datasheet HTML 5Page - Tyco Electronics 1-178802-3 Datasheet HTML 6Page - Tyco Electronics 1-178802-3 Datasheet HTML 7Page - Tyco Electronics 1-178802-3 Datasheet HTML 8Page - Tyco Electronics 1-178802-3 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
38
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Continued)
AMP Dynamic Series Connectors
D-3 Contact and
Application Tooling
Crimp Type
Receptacle Contact
(Used on Receptacle Housing)
Tab Contact
(Used on Tab Housing)
Hand Tools
1
Enter the following plating code in Part Number suffix-J :
-2 = 0.38µm thick gold plating
-3 = 0.76µm thick gold plating
-5 = Tin plating
Note: Solder-type Contact: We do not manufacture solder-type contacts for
this specific application.
* Strip Form contacts are for use with Mini-Applicators (automachines)
and Loose-Piece contacts are for Hand Tools.
** Mini-Applicators are for use with automachines. (See page 40. For Part
Numbers, contact Technical Support.)
Uses
Can it be used for repairing?
Approximately how many cycles of
crimping can be performed?
What is Minimum Order Quantity?
For General Production
Yes
50,000
1
28
0.08
26
0.12
24
0.20
24
0.20
22
0.30
20
0.50
20
0.50
18
0.85
16
1.25
16
1.25
14
2.20
16
1.25
14
2.20
0.8~1.2
1.0~1.4
1.2~1.6
1.7~2.6
1.8~2.8
2.2~2.8
2.2~2.8
3.1~3.3
3.3~3.4
AWG
mm2
Wire Range
Wire
Ins.
Diameter
S
M
L
2L
3L
ST.
LP.
ST.
LP.
ST.
LP.
ST.
LP.
ST.
LP.
175194-J
175216-J
175195-J
175217-J
175196-J
175218-J
917484-J
917511-J
353715-J
353717-J
Wire
Range
Mark
Contact Part Number1
Application Tooling Part Number
Hand Tool
Receptacle Contact
Standard contact
(Only-2 & -3
available)
1-175194-J
1-175216-J
1-175195-J
1-175217-J
1-175196-J
1-175218-J
1-917484-J
1-917511-J
1-353715-J
1-353717-J
High contact
(pressure -2, -3,
&-5 available)
175284-J
175287-J
175285-J
175288-J
175286-J
175289-J
917485-J
917512-J
353716-J
353718-J
Tab
Contact
Mini-
Applicator*
91565-1
91559-1
91558-1
91560-1
91561-1
**
**
**
**
**
Standard
Type
Standard Type


Similar Part No. - 1-178802-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-178802-3 MACOM-1-178802-3 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
More results

Similar Description - 1-178802-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
178306-2 MACOM-178306-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
1-1318120-3 MACOM-1-1318120-3 Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178325-2 MACOM-178325-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178328-2 MACOM-178328-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
D-2100S MACOM-D-2100S Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
logo
List of Unclassifed Man...
51021 ETC2-51021 Datasheet
69Kb / 1P
   1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
Molex Electronics Ltd.
5005920800 MOLEX11-5005920800 Datasheet
148Kb / 3P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Housing
0638197700 MOLEX11-0638197700 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
0638197600 MOLEX11-0638197600 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
63823-5300 MOLEX11-63823-5300 Datasheet
38Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com