Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNPW25121M32DHEA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TNPW25121M32DHEA
Description  High Stability Thin Film Flat Chip Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TNPW25121M32DHEA Datasheet(HTML) 3 Page - Vishay Siliconix

  TNPW25121M32DHEA Datasheet HTML 1Page - Vishay Siliconix TNPW25121M32DHEA Datasheet HTML 2Page - Vishay Siliconix TNPW25121M32DHEA Datasheet HTML 3Page - Vishay Siliconix TNPW25121M32DHEA Datasheet HTML 4Page - Vishay Siliconix TNPW25121M32DHEA Datasheet HTML 5Page - Vishay Siliconix TNPW25121M32DHEA Datasheet HTML 6Page - Vishay Siliconix TNPW25121M32DHEA Datasheet HTML 7Page - Vishay Siliconix TNPW25121M32DHEA Datasheet HTML 8Page - Vishay Siliconix TNPW25121M32DHEA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.vishay.com
For technical questions, contact: thinfilmchip@vishay.com
Document Number: 28758
338
Revision: 27-Jun-12
TNPW e3
Vishay
High Stability Thin Film Flat Chip Resistors
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The product can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION.
TNPW1210 e3
± 50 ppm/K
± 1 %
10R to 3M01
24; 96
± 0.5 %
10R to 3M01
24; 192
± 0.1 %
47R to 2M13
± 25 ppm/K
± 1 %
10R to 3M01
24; 96
± 0.5 %
10R to 3M01
24; 192
± 0.1 %
47R to 2M13
± 15 ppm/K
± 0.1 %
± 10 ppm/K
± 0.1 %
TNPW2010 e3
± 50 ppm/K
± 1 %
10R to 4M99
24; 96
± 0.5 %
10R to 4M99
24; 192
± 0.1 %
47R to 1M0
± 25 ppm/K
± 1 %
10R to 4M99
24; 96
± 0.5 %
10R to 4M99
24; 192
± 0.1 %
47R to 1M0
TNPW2512 e3
± 50 ppm/K
± 1 %
10R to 8M87
24; 96
± 0.5 %
10R to 8M87
24; 192
± 0.1 %
47R to 1M0
± 25 ppm/K
± 1 %
10R to 8M87
24; 96
± 0.5 %
10R to 8M87
24; 192
± 0.1 %
47R to 1M0
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE
TCR
TOLERANCE
RESISTANCE
E-SERIES
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: TNPW12061K32DEEA
TYPE/SIZE
RESISTANCE
TOLERANCE
TCR
PACKAGING
SPECIAL
TNPW0402
TNPW0603
TNPW0805
TNPW1206
TNPW1210
TNPW2010
TNPW2512
R = Decimal
K = Thousand
M = Million
(4 digits)
B = ± 0.1 %
D = ± 0.5 %
F = ± 1.0 %
H = ± 50 ppm/K
E = ± 25 ppm/K
X = ± 15 ppm/K
Y = ± 10 ppm/K
EA
EC
ED
EG
EN
EY
Up to 2 digits
Blank = Standard
Product Description: TNPW1206 1K32 0.5 % T-9 ET1 e3
TNPW1206
1K32
0.5 %
T-9
ET1
e3
TYPE/SIZE
RESISTANCE
TOLERANCE
TCR
PACKAGING
LEAD (Pb)-FREE
TNPW0402
TNPW0603
TNPW0805
TNPW1206
TNPW1210
TNPW2010
TNPW2512
Examples:
54R1 = 54.1
1K32 = 1320
± 0.1 %
± 0.5 %
± 1.0 %
T-2 = ± 50 ppm/K
T-9 = ± 25 ppm/K
T-10 = ± 15 ppm/K
T-13 = ± 10 ppm/K
ET1
ET6
ET7
E67
E52
E75
e3 = Pure tin
termination finish
TW
1
2
0
P
N
6
1
K
32D
E
E
A


Similar Part No. - TNPW25121M32DHEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW25121 VISHAY-TNPW25121 Datasheet
111Kb / 8P
   High Stability Thin Film Chip Resistor
Revision: 06-Jul-06
More results

Similar Description - TNPW25121M32DHEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TNPW120654K9BEEA VISHAY-TNPW120654K9BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW06039K09BEEA VISHAY-TNPW06039K09BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW VISHAY-TNPW_V01 Datasheet
313Kb / 14P
   High Stability Thin Film Flat Chip Resistors
23-Sep-2021
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Feb-15
TNPW0805150KBEEA VISHAY-TNPW0805150KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW-E3 VISHAY-TNPW-E3 Datasheet
182Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 12-May-16
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
   High Stability Thin Film Flat Chip Resistors
Revision: 21-Feb-2020
TNPW06035K36BEEA VISHAY-TNPW06035K36BEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW0805100KBEEA VISHAY-TNPW0805100KBEEA Datasheet
133Kb / 10P
   High Stability Thin Film Flat Chip Resistors
Revision: 27-Jun-12
TNPW08053K32BEEN VISHAY-TNPW08053K32BEEN Datasheet
148Kb / 11P
   High Stability Thin Film Flat Chip Resistors
Revision: 05-Feb-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com