Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP59340 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP59340
Description  IR Receiver Modules for Remote Control Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP59340 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP59340 Datasheet HTML 1Page - Vishay Siliconix TSOP59340 Datasheet HTML 2Page - Vishay Siliconix TSOP59340 Datasheet HTML 3Page - Vishay Siliconix TSOP59340 Datasheet HTML 4Page - Vishay Siliconix TSOP59340 Datasheet HTML 5Page - Vishay Siliconix TSOP59340 Datasheet HTML 6Page - Vishay Siliconix TSOP59340 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
New Product
TSOP581.., TSOP583.., TSOP591.., TSOP593.., TSOP585.., TSOP595..
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 23-Feb-11
2
Document Number: 82462
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Output Active Low
Fig. 2 - Pulse Length and Sensitivity in Dark Ambient
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage
VS
- 0.3 to + 6
V
Supply current
IS
5mA
Output voltage
VO
- 0.3 to 5.5
V
Voltage at output to supply
VS - VO
- 0.3 to (VS + 0.3)
V
Output current
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
- 25 to + 85
°C
Operating temperature range
Tamb
- 25 to + 85
°C
Power consumption
Tamb
≤ 85 °C
Ptot
10
mW
Soldering temperature
t
≤ 10 s, 1 mm from case
Tsd
260
°C
ELECTRICAL AND OPTICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
VS
2.5
5.5
V
Supply current
VS = 5 V, Ev = 0
ISD
0.55
0.7
0.9
mA
Ev = 40 klx, sunlight
ISH
0.8
mA
Transmission distance
Ev = 0,
IR diode TSAL6200,
IF = 250 mA,
test signal see fig. 1
d40
m
Output voltage low
IOSL = 0.5 mA, Ee = 0.7 mW/m2,
test signal see fig. 1
VOSL
100
mV
Minimum irradiance
Pulse width tolerance:
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see fig. 1
Ee min.
0.2
0.4
mW/m2
Maximum irradiance
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see fig. 1
Ee max.
50
W/m2
Directivity
Angle of half transmission
distance
ϕ1/2
± 45
deg
Ee
T
tpi *)
t
VO
VOH
VOL
tpo
2)
t
14337
Optical Test Signal
(IR diode TSAL6200, IF = 0.4 A, N = 6 pulses, f = f0, t = 10 ms)
Output Signal
td
1)
1) 3/f
0 < td < 9/f0
2) t
pi - 4/f0 < tpo < tpi + 6/f0
*) tpi ≥ 6/f0 is recommended for optimal function
0
0.1
0.2
0.3
0.4
0.5
0.1
10
1000
100 000
E
e - Irradiance (mW/m
2)
Output pulse width
Input burst length
λ = 950 nm,
optical test signal, Fig. 1


Similar Part No. - TSOP59340

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP59340 VISHAY-TSOP59340 Datasheet
475Kb / 21P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 13-Feb-17
TSOP59340TR1 VISHAY-TSOP59340TR1 Datasheet
607Kb / 25P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 14-Sep-17
More results

Similar Description - TSOP59340

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com