Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTS3T005 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RTS3T005
Description  Power PCB Relay RT1 Inrush Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RTS3T005 Datasheet(HTML) 1 Page - Tyco Electronics

  RTS3T005 Datasheet HTML 1Page - Tyco Electronics RTS3T005 Datasheet HTML 2Page - Tyco Electronics RTS3T005 Datasheet HTML 3Page - Tyco Electronics RTS3T005 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RT1 Inrush Power
n
1 pole 16A, 1 form A (NO) contact (W pre-make contact + AgSnO2)
n
10A/250VAC making and breaking capacity acc. to IEC 60669-1
n
165A/20ms inrush peak current
n
Mono- or bistable coil
n
5kV/10mm coil-contact
n
Reinforced insulation
n
Test tab (manual operator) optional
Typical applications
Lighting systems, movement sensors, filament and incandescent lamp
loads, motors
Approvals
VDE REG.-Nr. 6106,UL E214025, cCSAus 14385
Technical data of approved types on request
Contact Data
RT.3T
RTS3L
Contact arrangement
1 form A (NO) contact
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
16A
Limiting continuous current
16A, UL: 20A (RTS3L)
Limiting making current,
max. 20ms (incand. lamps)
165A
120A
max. 200µs (flourescent lamps)
800A
-
Breaking capacity max.
4000VA
Contact material
W (pre-make cont.)
AgSnO2
+AgSnO2
Contact style
pre-make contact
single contact
Frequency of operation, with/without load
360/3600h-1
Operate/release time max., DC coil
10/5ms
Operate/Reset time max., bistable version
10/10ms
Bounce time max.
4ms
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
RTS3L
A (NO)
20A, 250VAC resistive, 70°C
20x103
RTS3L monostable A (NO) 16A, 250VAC resistive, 85°C
100x103
RTS3T
A (NO)
16A, 250VAC resistive, 85°C
5x103
UL 508
RTS3L
A (NO)
20A, 250VAC, general purpose, 70°C
20x103
RTS3L
A (NO)
16A, 250VAC, resistive, 85°C
50x103
RTS3L
A (NO)
TV8, 240VAC, 40°C
25x103
RTS3L
A (NO)
1.5hp, 240VAC, 70°C
30x103
RTS3T
A (NO)
1200W Tungsten, 120VAC/277VAC,
60Hz, 50°C
6x103
RTS3T
A (NO)
620W Discharge lamps (standard ballast),
120VAC/277VAC, 60Hz, 50°C
6x103
Contact Data (continued)
Mechanical endurance
DC coil
>5x106 ops.
>10x106 ops.
bistable version
>3x106 ops.
>5x106 ops.
tab manually operated
>1x103 ops.
-
Coil Data, monostable DC coil
Coil voltage range
5 to 110VDC
Operative range, IEC 61810
2
Coil insulation system according UL1446
class F
Coil versions, monostable DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%1)
mW
005
5
3.5
0.5
62
403
006
6
4.2
0.6
90
400
012
12
8.4
1.2
360
400
024
24
16.8
2.4
1440
400
048
48
33.6
4.8
5520
417
060
60
42.0
6.0
85701)
420
110
110
77.0
11.0
288001)
420
1) Coil resistance ±12%.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Coil Data, bistable coils
1 coil
2 coils
Magnetic system
polarized, bistable
Coil voltage range
3 to 24VDC
Operative range, IEC 61810
2
Limiting voltage, % of rated coil voltage
120%
150%
Min./Max. energization duration
30ms/1min at <10% duty factor
Coil insulation system according UL1446
class F
F0272-B
Z
V
b


Similar Part No. - RTS3T005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RTS3T012 MACOM-RTS3T012 Datasheet
236Kb / 4P
   Power PCB Relay RT1 Inrush Power
RTS3T024 MACOM-RTS3T024 Datasheet
236Kb / 4P
   Power PCB Relay RT1 Inrush Power
More results

Similar Description - RTS3T005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393240-5 MACOM-2-1393240-5 Datasheet
603Kb / 3P
   Power PCB Relay RT1 Inrush
RT33K012 MACOM-RT33K012 Datasheet
265Kb / 3P
   Power PCB Relay RT1 Inrush
2-1393240-6 MACOM-2-1393240-6 Datasheet
603Kb / 3P
   Power PCB Relay RT1 Inrush
RTS3L005 MACOM-RTS3L005 Datasheet
236Kb / 4P
   Power PCB Relay RT1 Inrush Power
2-1393240-3 MACOM-2-1393240-3 Datasheet
603Kb / 3P
   Power PCB Relay RT1 Inrush
2-1393240-4 MACOM-2-1393240-4 Datasheet
603Kb / 3P
   Power PCB Relay RT1 Inrush
2-1393240-8 MACOM-2-1393240-8 Datasheet
603Kb / 3P
   Power PCB Relay RT1 Inrush
2-1393240-9 MACOM-2-1393240-9 Datasheet
603Kb / 3P
   Power PCB Relay RT1 Inrush
RT114005 MACOM-RT114005_05 Datasheet
243Kb / 4P
   Power PCB Relay RT1
1-1393240-1 MACOM-1-1393240-1 Datasheet
479Kb / 4P
   Power PCB Relay RT1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com