Selected language     English  ā–¼


2-111196-5 Datasheet(PDF) 9 Page - Tyco Electronics

Part No. 2-111196-5
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 9 page
background image
9
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Double Row Receptacle
Material and Finish
Housing ā€” Black thermoplastic,
UL 94V-0 rated
Latches ā€” Stainless steel
Contacts ā€” Phosphor bronze, plated
30 microinch gold over nickel with tin
in termination area
Related Product Data
Mateable Connectors ā€”
See AMP Catalog 82178
See Part Numbers 104068 and 104069
Series on pages 10 and 11
Mates with Posts ā€” .015 [0.38]
square, .125 [3.18] long, on
.050 x .100 [1.27 x 2.54] grid
Technical Documents
Product Specification
108-1109
Application Specification
114-25029
No. of
Dimensions
Pos.
ABCD
E
F
Part Number
.510
.445
.225
.200
.096
.294
10
12.95
11.30
5.72
5.08
2.44
7.47
2-111196-5
.610
.545
.325
.300
.146
.394
14
15.49
13.84
8.26
7.62
3.71
10.01
2-111196-6
.660
.595
.375
.350
.171
.444
16
16.76
15.11
9.52
8.89
4.34
11.28
2-111196-7
.760
.695
.475
.450
.221
.544
20
19.30
17.65
12.07
11.43
5.61
13.82
1-111196-8
.860
.795
.575
.550
.271
.644
24
20.32
20.19
14.61
13.97
6.88
16.36
2-111196-8
.910
.845
.625
.600
.296
.694
26
23.11
21.46
15.88
15.24
7.52
17.63
2-111196-9
1.010
.945
.725
.700
.346
.794
30
25.65
24.00
18.42
17.78
8.79
20.17
1-111196-9
1.110
1.045
.825
.800
.396
.894
34
28.19
26.54
20.96
20.32
10.06
22.71
3-111196-0
1.260
1.195
.975
.950
.471
1.044
40
32.00
30.35
34.54
24.13
11.96
26.52
2-111196-0
1.360
1.295
1.075
1.050
.521
1.144
44
34.54
32.89
27.31
26.67
13.23
29.06
3-111196-1
1.510
1.445
1.225
1.200
.596
1.294
50
38.35
36.70
31.12
30.48
15.14
32.87
2-111196-1
1.760
1.695
1.475
1.450
.721
1.544
60
44.70
43.05
37.47
36.83
18.31
39.22
2-111196-2
1.860
1.795
1.575
1.550
.771
1.644
64
47.24
45.59
40.00
39.37
19.58
41.76
3-111196-2
1.960
1.895
1.675
1.650
.821
1.744
68
49.78
48.13
42.55
41.91
20.85
44.30
3-111196-4
2.060
1.995
1.775
1.750
.871
1.844
72
52.32
50.67
45.08
44.45
22.12
46.84
2-111196-3
2.260
2.195
1.975
1.950
.971
2.044
80
57.40
55.75
50.17
49.53
24.66
51.92
3-111196-3
2.760
2.695
2.475
2.450
1.221
2.544
100
70.10
68.45
62.87
62.23
31.01
64.62
2-111196-4
See Application Specification for termination tooling.
Note: All part numbers are RoHS compliant.
.254
[6.45]
.228
[5.79]
.054
[1.37]
.430
[10.92]
.102
[2.59]
.228
[5.80]
.335
[8.51]
.246
[6.25]
.580
[14.73]
Before
Termination
.198
[5.03]
.100
[2.54]
.100
[2.54]
.050
[1.27]
F
E
D
A
Cover
Latch
Contact
Housing
Typ.
Position #1
Indicator
C
B
System 50 Cable-to-Board Connectors,
.025 [0.64] Centerline Ribbon Cable (Continued)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl