Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-111196-5 Datasheet(PDF) 38 Page - Tyco Electronics

Part # 2-111196-5
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-111196-5 Datasheet(HTML) 38 Page - Tyco Electronics

Back Button 2-111196-5 Datasheet HTML 34Page - Tyco Electronics 2-111196-5 Datasheet HTML 35Page - Tyco Electronics 2-111196-5 Datasheet HTML 36Page - Tyco Electronics 2-111196-5 Datasheet HTML 37Page - Tyco Electronics 2-111196-5 Datasheet HTML 38Page - Tyco Electronics 2-111196-5 Datasheet HTML 39Page - Tyco Electronics 2-111196-5 Datasheet HTML 40Page - Tyco Electronics 2-111196-5 Datasheet HTML 41Page - Tyco Electronics 2-111196-5 Datasheet HTML 42Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 100 page
background image
38
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Micro-MaTch Miniature Connector System —
Male-on-Wire Connector
For the wire connection, a
well-known type blade with
a single slot is used. The
insides of the slots are tin
plated for stable and
reliable connections.
The connector is supplied
with a pre-assembled cover,
providing excellent position-
ing of the ribbon cable
before and during
the insulation displacement
process.
After termination the cover
is held in place by each
individual contact in addi-
tion to two plastic latches at
both ends of the connector.
Remark:
The Micro-MaTch Male-on-Wire connector is specifically designed to be disengaged from
its counterpart by pulling the cable in the appropriate direction.
Notes:
1. Connectors are always sideways mounted onto an adhesive tape.
2. Standard packaging quantity is 2500 connectors on a reel with a diameter of 600 mm.
3. At additional charge a special packaging option is available: 250 diameter of 250 mm,
packed in a dedicated dispenser box.
No. of Positions
Dimensions (mm)
Part Numbers
A
B
C
2500 Connectors/Reel
250 Connectors/Box
4
8.6
5.4
3.81
215083-4
7-215083-4
6
11.1
8.0
6.35
215083-6
7-215083-6
8
3.6
10.5
8.89
215083-8
7-215083-8
10
16.2
13.0
11.43
1-215083-0
8-215083-0
12
18.7
15.6
13.97
1-215083-2
8-215083-2
14
21.3
18.1
16.51
1-215083-4
8-215083-4
16
23.8
20.7
19.05
1-215083-6
8-215083-6
18
26.3
23.2
21.59
1-215083-8
8-215083-8
20
28.9
25.7
24.13
2-215083-0
9-215083-0
24
34.0
30.8
29.21
2-215083-4
9-215083-4
Mates with:
X-215079-X
X-215460-X
X-188275-X
X-215079-X
X-338068-X
X-338069-X
X-338070-X
X-100411-X
X-188431-X
A
A
A Max.
B Max.
Max.
C
Section A-A
5.10
[.201]
10.20
[.402]
METRIC
Dimensions are
millimeters over inches


Similar Part No. - 2-111196-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111196-5 MACOM-2-111196-5 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
2-111196-5 MACOM-2-111196-5 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-111196-5 MACOM-2-111196-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 2-111196-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
1-5102154-0 MACOM-1-5102154-0 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com