Selected language     English  ā–¼


2-111196-6 Datasheet(PDF) 7 Page - Tyco Electronics

Part No. 2-111196-6
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 7 page
background image
7
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Table of Contents (Continued)
Ribbon Cable Interconnect Solutions
.050 [1.27] Centerline Ribbon Cable Connectors (Continued)
DIP Plugs, .100 x .100 [2.54 x 2.54] Centers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
DIP Plugs, .100 x .300 [2.54 x 7.62] Centers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
DIP Plugs, .100 x .600 [2.54 x 15.24] Centers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
4-Row PCB Solder Transition Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
1-Row Horizontal Receptacle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
Accessories
Flexible Pull Tabs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
Universal I/O Latches . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
Military Polarizers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
Keying Plugs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
Strain Relief for 622 Series DIP Plugs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Pull Loops, Permanent (For Receptacles and Pin Connectors) . . . . . . . . . . . . . . . . . . . 66
Strain Relief for Universal I/O without Mounting Ears . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Strain Relief for 609 Series (Tulip Contact) Female Socket Connectors . . . . . . . . . . . . . 67
Strain Relief for Novo and Ultra ATA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
Strain Relief for 2 mm . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
Strain Relief for 622 and 636 Series Female Socket Connectors . . . . . . . . . . . . . . . . . . 69
Application Tooling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70-74
Low Profile Headers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75-83
Low Profile Pin Headers, Center and Dual Polarized, .100 x .100 [2.54 x 2.54]
Centerlines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76, 77
Low Profile Pin Headers, Center and Dual Polarized, .100 x .100 [2.54 x 2.54]
Centerlines and ā€œKinkedā€ Solder Tails for PCB Retention . . . . . . . . . . . . . . . . . . . 78, 79
IDC Low Profile Ejection Style Pin Headers with Die Cast Ejection Latches,
Military and Center Polarized, .100 x .100 [2.54 x 2.54] Centerlines . . . . . . . . . . . 80, 81
IDC Low Profile Ejection Style Pin Headers, Center Polarized, .100 x .100
[2.54 x 2.54] Centerlines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82, 83
Universal Ejection Style Pin Headers and Pinless Headers
Universal Ejection Style Pin Headers, Military, Center and Dual Polarized,
.100 x .100 [2.54 x 2.54] Centerlines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84-86
Universal Ejection Style Pin Headers, ACTION PIN Contacts, Military,
Center and Dual Polarized, .100 x .100 [2.54 x 2.54] Centerlines . . . . . . . . . . . . . 87, 88
Universal Ejection Style Pin Headers, Military, Center and Dual Polarized,
.100 x .100 [2.54 x 2.54] Centerlines, Right-Angle . . . . . . . . . . . . . . . . . . . . . . . . . 89-91
Universal Ejection Style Pinless Headers, Military, Center and Dual Polarized,
.100 x .100 [2.54 x 2.54] Centerlines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92, 93
Universal Ejection Style Pin Headers, with PCT Housing, .100 x .100
[2.54 x 2.54] Centerlines, .025 [0.64] Sq. Posts (Mating End) . . . . . . . . . . . . . . . . 94, 95
Latches for Ejection Style Universal Pin Headers and Pinless Headers . . . . . . . . . . . . . 96
Cable Solutions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97, 98
Part Number Index . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 99




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl