Selected language     English  â–¼


2-111196-6 Datasheet(PDF) 11 Page - Tyco Electronics

Part No. 2-111196-6
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 11 page
background image
11
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
System 50 Board-to-Board Connectors, Through-Hole Headers (Continued)
Ribbon Cable Interconnect Solutions
Shrouded,
Double Row
Right-Angle
Material and Finish
Housing — Black thermoplastic,
UL 94V-0 rated
Contacts — Copper alloy, plated
.000030 [0.00076] gold in mating area,
.000150 [0.00381] tin on solder posts,
with entire contact underplated .000050
[0.00127] nickel
Related Product Data
Mateable Receptacles — page 9
Technical Documents
Product Specification
108-1093
Application Specification
114-25031
Circuit Identification
Feature**
.540
[13.72]
.100
[2.54]
.350
[8.89]
.290
[7.37]
.050
[1.27]
Typ.
Note 2
Note 1
.060
[1.52]
2 Plc.
A
.055*
[1.40]
.100
[2.54]
.160 [4.06]
at Post Tips
.100
[2.54]
at Post
Tips
.408
[10.36]
Hold down
post
No. of
Dim.
Part
Positions
A
Number
.330
8
8.38
5-104069-8
.380
10
9.65
5-104069-4
.630
20
16.00
5-104069-1
.730
24
18.54
6-104069-2
.780
26
19.81
6-104069-3
.880
30
22.35
5-104069-5
.980
34
24.89
6-104069-4
No. of
Dim.
Part
Positions
A
Number
1.130
40
28.70
5-104069-6
1.380
50
35.05
5-104069-2
1.630
60
41.40
5-104069-7
1.830
68
46.80
6-104069-8
1.930
72
49.02
6-104069-6
2.130
80
54.10
5-104069-3
2.630
100
66.80
6-104069-7
**Point of measurement for gold thickness.
**Circuit identification feature omitted on 8, 10, 12 and
14 position headers.
Notes: 1. Hold down posts located as shown for
16 through 100 position headers.
Notes: 2. Hold down posts located as shown for
8 through 14 and 60 through 100 position
headers.
Notes: 3. All part numbers are RoHS compliant.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl