Selected language     English  ā–¼


2-111196-6 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. 2-111196-6
Description  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 3 page
background image
3
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Connector Selection Guide (Continued)
Ribbon Cable Interconnect Solutions
Universal I/O
Pin Connectors
Pages 45 and 46
Mates to .100" x .100"
Novo Type Female
Socket Connector
Pages 48-51
EUROLATCH
Receptacles
Page 47
Mates to .100" x .100"
3-Row Eurocard
Type C & R
See Catalog 82721
Novo
Connectors
Pages 48-51
622 and 636
Series Female
Socket Connectors
Pages 52 and 53
Mates to .100" x .100"
2-Row Universal or
Low-Profile Headers
Pages 75-96
609 Series
Female
Socket Connectors
Pages 54 and 55
.050" [1.27 mm]
Cable Pitch
(Continued)
.100" x .300"
Footprint
.100" x .100"
Footprint
Mates to
2-Row DIP Sockets
or Solders to PCB
.100" x .600"
Footprint
622 and
636 Series
DIP Plugs
Page 57
609 Series
DIP Plugs
Page 56
DIP Plugs
Page 58
TE Connectivity
TE Connectivity
DIP Plugs
Page 59
TE Connectivity
DIP Plugs
Page 60
Solder
Transition
Connectors
Page 61
Solders to
.050" x .100"
4-Row PCB Footprint
.050" [1.27 mm]
Cable Pitch
(Continued)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl