Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4523 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP4523
Description  CMOS 3CH?묹DOs for RF Unit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4523 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP4523 Datasheet HTML 1Page - ON Semiconductor NCP4523 Datasheet HTML 2Page - ON Semiconductor NCP4523 Datasheet HTML 3Page - ON Semiconductor NCP4523 Datasheet HTML 4Page - ON Semiconductor NCP4523 Datasheet HTML 5Page - ON Semiconductor NCP4523 Datasheet HTML 6Page - ON Semiconductor NCP4523 Datasheet HTML 7Page - ON Semiconductor NCP4523 Datasheet HTML 8Page - ON Semiconductor NCP4523 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
NCP4523
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
VR2 (Topt = 25°C)
Characteristics
Conditions
Symbol
Min
Typ
Max
Unit
Output Voltage
VIN − VOUT = 1.0 V
1.0 mA
v IOUT v 30 mA
VOUT
0.98
1.02
V
Output Current
VIN − VOUT = 1.0 V
IOUT
80
mA
Load Regulation
VIN − VOUT = 1.0 V
1.0 mA
v IOUT v 50 mA
DVOUT/DIOUT
12
40
mV
Dropout Voltage
Refer to Electrical Characteristic
by Output Voltage (VR2)
VDIF
Supply Current
VIN − VOUT = 1.0 V
ISS
70
120
mA
Supply Current (Standby)
VIN − VOUT = 1.0 V
VCE = GND
Istandby
0.1
1.0
mA
Line Regulation
VOUT + 0.5 V v VIN v 6.0 V
I
v = 30 mA
DVOUT/DVIN
0.05
0.20
V
Ripple Rejection
f = 1.0 kHz, sinusoidal 0.5 Vp−p
VIN − VOUT = 1.0 V
RR
70
dB
Input Voltage
VIN
6.0
V
Output Voltage Temperature
Coefficient
IOUT = 30 mA
−40
°C v Topt v 85°C
DVOUT/DT
"100
ppm/
°C
Short Current Limit
VOUT = 0 V
ILIM
50
mA
CE Pull−down Resistance
RDN
2.5
5.0
10
M
W
CE Input Voltage “H’’
VCEH
1.5
VIN
V
CE Input Voltage “L’’
VCEL
0.00
0.25
V
Output Noise
BW = 10 Hz − 100 kHz
en
60
mVrms
ELECTRICAL CHARACTERISTICS BY OUTPUT VOLTAGE (VR2)
Output Voltage
VOUT (V)
Dropout Voltage VDIF (V)
Condition
Typ
Max
2.0
v VOUT v 2.4
IOUT = 80 mA
0.22
0.38
2.5
v VOUT v 2.7
0.20
0.38
2.8
v VOUT v 3.3
0.16
0.24


Similar Part No. - NCP4523

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4523 ONSEMI-NCP4523 Datasheet
132Kb / 24P
   CMOS 3CH-LDOs for RF Unit
December, 2004 ??Rev. 4
NCP4523 ONSEMI-NCP4523 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP4523G1T1 ONSEMI-NCP4523G1T1 Datasheet
132Kb / 24P
   CMOS 3CH-LDOs for RF Unit
December, 2004 ??Rev. 4
NCP4523G1T1G ONSEMI-NCP4523G1T1G Datasheet
132Kb / 24P
   CMOS 3CH-LDOs for RF Unit
December, 2004 ??Rev. 4
NCP4523G20T1 ONSEMI-NCP4523G20T1 Datasheet
132Kb / 24P
   CMOS 3CH-LDOs for RF Unit
December, 2004 ??Rev. 4
More results

Similar Description - NCP4523

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5324D RICOH-R5324D_07 Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5324D RICOH-R5324D Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
logo
ON Semiconductor
NCP4523 ONSEMI-NCP4523 Datasheet
132Kb / 24P
   CMOS 3CH-LDOs for RF Unit
December, 2004 ??Rev. 4
logo
RICOH electronics devic...
R5320X RICOH-R5320X Datasheet
288Kb / 28P
   CMOS 3CH-LDOs for RF Unit
R5321D RICOH-R5321D Datasheet
406Kb / 22P
   CMOS 2ch-LDOs for RF Unit
R5320G RICOH-R5320G Datasheet
271Kb / 30P
   CMOS Multi-LDOs for RF Unit
logo
Rohm
BU6650NUX ROHM-BU6650NUX_11 Datasheet
1Mb / 22P
   3ch CMOS LDO Regulators
logo
Sanyo Semicon Device
LV5217GP SANYO-LV5217GP Datasheet
106Kb / 12P
   Bi-CMOS IC For Cell Phones 3ch LED Driver
logo
Rohm
BU2396KN ROHM-BU2396KN_15 Datasheet
1Mb / 24P
   3ch Clock Generator for Digital Cameras
BH7600AFS ROHM-BH7600AFS Datasheet
281Kb / 6P
   3ch Video driver for digital STB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com