Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV87724D7S Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV87724D7S
Description  Ultra Low Iq 350 mA LDO Regulator with Enable and
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV87724D7S Datasheet(HTML) 5 Page - ON Semiconductor

  NCV87724D7S Datasheet HTML 1Page - ON Semiconductor NCV87724D7S Datasheet HTML 2Page - ON Semiconductor NCV87724D7S Datasheet HTML 3Page - ON Semiconductor NCV87724D7S Datasheet HTML 4Page - ON Semiconductor NCV87724D7S Datasheet HTML 5Page - ON Semiconductor NCV87724D7S Datasheet HTML 6Page - ON Semiconductor NCV87724D7S Datasheet HTML 7Page - ON Semiconductor NCV87724D7S Datasheet HTML 8Page - ON Semiconductor NCV87724D7S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NCV8772
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS Vin = 13.2 V, VEN = 3 V, Cin = 0.1 mF, Cout = 1 mF, for typical values TJ = 25°C, for min/max
values TJ = −40°C to 150°C; unless otherwise noted. (Notes 9 and 10)
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
ENABLE THRESHOLDS
Enable Input Threshold Voltage
Logic Low
Logic High
Vth(EN)
2.5
0.8
V
Enable Input Current
Logic High
Logic Low
VEN = 5 V
VEN = 0 V, TJ < 85°C
IEN_ON
IEN_OFF
3
0.5
5
1
mA
DT (RESET DELAY TIME SELECT) − D2PAK−7 ONLY
DT Threshold Voltage
Logic Low
Logic High
Vth(DT)
2.0
0.8
V
DT Input Current
VDT = 5 V
IDT
1.0
mA
RESET OUTPUT RO
Input Voltage Reset Threshold
3.3 V
Vin decreasing, Vout > VRT
Vin_RT
3.8
4.2
V
Output Voltage Reset Threshold
(Note 13)
(NCV8772y) where y = 1,2,3,...
3.3 V
5.0 V
(NCV8772y) where y = A,B,C,... 3.3 V
5.0 V
Vout decreasing
Vin > 4.5 V
Vin > 5.5 V
Vin > 4.5 V
Vin > 5.5 V
VRT
90
90
87
87
93
93
90
90
96
96
93
93
%Vout
Reset Hysteresis
VRH
2.0
%Vout
Maximum Reset Sink Current
3.3 V
5.0 V
Vout = 3 V, VRO = 0.25 V
Vout = 4.5 V, VRO = 0.25 V
IROmax
1.3
1.75
mA
Reset Output Low Voltage
Vout > 1 V, IRO < 200 mA
VROL
0.15
0.25
V
Reset Output High Voltage
5.0 V
VROH
4.5
V
Reset High Level Leakage Current
3.3 V
IROLK
1.0
mA
Integrated Reset Pull−up Resistor
5.0 V
RRO
15
30
50
kW
Reset Delay Time (DPAK−5, D2PAK−5)
(Note 13)
Min Available Time
Max Available Time
tRD
6.4
102.4
(20%)
8.0
128
9.6
153.6
(20%)
ms
Reset Delay Time (D2PAK−7)
(Note 13)
Min Available Time, DT connected to GND
Max Available Time, DT connected to Vout
tRD
3.2
102.4
(20%)
4.0
128
4.8
153.6
(20%)
ms
Reset Reaction Time (see Figure 33)
tRR
16
25
38
ms
THERMAL SHUTDOWN
Thermal Shutdown Temperature
(Note 12)
TSD
150
175
195
°C
Thermal Shutdown Hysteresis
(Note 12)
TSH
25
°C
9. Refer to ABSOLUTE MAXIMUM RATINGS and APPLICATION INFORMATION for Safe Operating Area.
10.Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TA [ TJ. Low duty
cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
11. Measured when output voltage falls 100 mV below the regulated voltage at Vin = 13.2 V.
12.Values based on design and/or characterization.
13.See APPLICATION INFORMATION section for Reset Thresholds and Reset Delay Time Options


Similar Part No. - NCV87724D7S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
More results

Similar Description - NCV87724D7S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8774-PP ONSEMI-NCV8774-PP Datasheet
255Kb / 12P
   Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0
NCV8774C ONSEMI-NCV8774C Datasheet
171Kb / 13P
   LDO Regulator - Ultra Low Iq 350 mA
May, 2020 ??Rev. 2
NCV8774DT33RKG ONSEMI-NCV8774DT33RKG Datasheet
255Kb / 12P
   Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0
NCV8770 ONSEMI-NCV8770 Datasheet
210Kb / 13P
   Ultra Low Iq 350 mA LDO Regulator with Reset
February, 2013 ??Rev. 1
NCV8775C ONSEMI-NCV8775C Datasheet
225Kb / 15P
   Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com