Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRVA4006T3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NRVA4006T3G
Description  Surface Mount Standard Recovery Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVA4006T3G Datasheet(HTML) 3 Page - ON Semiconductor

  NRVA4006T3G Datasheet HTML 1Page - ON Semiconductor NRVA4006T3G Datasheet HTML 2Page - ON Semiconductor NRVA4006T3G Datasheet HTML 3Page - ON Semiconductor NRVA4006T3G Datasheet HTML 4Page - ON Semiconductor NRVA4006T3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MRA4003T3G Series, NRVA4003T3G Series
http://onsemi.com
3
20
5
Ipk/IO = p
Figure 3. Current Derating per Leg
TL, LEAD TEMPERATURE (°C)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
160
140
120
100
60
40
20
0
Figure 4. Forward Power Dissipation per Leg
IO, AVERAGE FORWARD CURRENT (AMPS)
2.0
1.5
1.0
0.5
0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
1.6
1.8
80
Square Wave
dc
10
20
5
Ipk/IO = p
Square Wave
dc
10
Freq = 20 kHz
Figure 5. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
100
10
160
140
120
100
80
60
40
20
0
1
200
180
TJ = 25°C
Figure 6. Thermal Response
t, TIME (s)
10E−3
100E−6
10E−6
0.001
0.01
0.1
1.0
1E−3
1E+0
100E−3
10E+0
100E+0
1E+3
10E+3
RqJA (1 inch Pad Board)
RqJL (Min Pad Board)
RqJL(t) = RqJL * r(t)


Similar Part No. - NRVA4006T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NRVA4006T3G ONSEMI-NRVA4006T3G Datasheet
62Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
November, 2016 ??Rev. 11
More results

Similar Description - NRVA4006T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MRS1504T3G ONSEMI-MRS1504T3G_12 Datasheet
111Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
July, 2012 ??Rev. 6
MRA4003T3 ONSEMI-MRA4003T3 Datasheet
54Kb / 4P
   Surface Mount Standard Recovery Power Rectifier
July, 2004 ??Rev. 3
MRA4003T3 ONSEMI-MRA4003T3_06 Datasheet
49Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
May, 2006 ??Rev. 5
MRS1504T3 ONSEMI-MRS1504T3 Datasheet
60Kb / 4P
   Surface Mount Standard Recovery Power Rectifier
June, 2006 ??Rev. 4
MRA4003T3G ONSEMI-MRA4003T3G_16 Datasheet
62Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
November, 2016 ??Rev. 11
logo
PACELEADER INDUSTRIAL
S1AB PACELEADER-S1AB Datasheet
253Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-M PACELEADER-FM4001-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S2A PACELEADER-S2A Datasheet
123Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S3AC PACELEADER-S3AC Datasheet
134Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-MH PACELEADER-FM4001-MH Datasheet
269Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com