Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTSB20U100CT-1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTSB20U100CT-1G
Description  Very Low Forward Voltage Trench-based Schottky
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTSB20U100CT-1G Datasheet(HTML) 1 Page - ON Semiconductor

  NTSB20U100CT-1G Datasheet HTML 1Page - ON Semiconductor NTSB20U100CT-1G Datasheet HTML 2Page - ON Semiconductor NTSB20U100CT-1G Datasheet HTML 3Page - ON Semiconductor NTSB20U100CT-1G Datasheet HTML 4Page - ON Semiconductor NTSB20U100CT-1G Datasheet HTML 5Page - ON Semiconductor NTSB20U100CT-1G Datasheet HTML 6Page - ON Semiconductor NTSB20U100CT-1G Datasheet HTML 7Page - ON Semiconductor NTSB20U100CT-1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2013
January, 2013 − Rev. 5
1
Publication Order Number:
NTST20U100CT/D
NTST20U100CT,
NTSB20U100CT-1G,
NTSJ20U100CTG,
NTSB20U100CTG
Very Low Forward Voltage
Trench-based Schottky
Rectifier
Exceptionally Low VF = 0.50 V at IF = 5 A
Features
Fine Lithography Trench−based Schottky Technology for Very Low
Forward Voltage and Low Leakage
Fast Switching with Exceptional Temperature Stability
Low Power Loss and Lower Operating Temperature
Higher Efficiency for Achieving Regulatory Compliance
Low Thermal Resistance
High Surge Capability
Pb−Free and Halide−Free Packages are Available
Typical Applications
Switching Power Supplies including Notebook / Netbook Adapters,
ATX and Flat Panel Display
High Frequency and DC−DC Converters
Freewheeling and OR−ing diodes
Reverse Battery Protection
Instrumentation
Mechanical Characteristics
Case: Epoxy, Molded
Epoxy Meets Flammability Rating UL 94−0 @ 0.125 in
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes: 260°C Maximum for
10 sec
1
3
2, 4
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
TO−220AB
CASE 221A
STYLE 6
3
4
1
2
3
4
1 2
I2PAK
CASE 418D
STYLE 3
TO−220FP
CASE 221AH
3
4
1
2
D2PAK
CASE 418B


Similar Part No. - NTSB20U100CT-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTSB20100CT-1G ONSEMI-NTSB20100CT-1G Datasheet
132Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Trench-based Schottky
January, 2013 ??Rev. 5
NTSB20100CT-1G ONSEMI-NTSB20100CT-1G Datasheet
132Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
January, 2013 ??Rev. 5
NTSB20100CT-1G ONSEMI-NTSB20100CT-1G Datasheet
87Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2016 ??Rev. 7
NTSB20100CTG ONSEMI-NTSB20100CTG Datasheet
132Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Trench-based Schottky
January, 2013 ??Rev. 5
NTSB20100CTG ONSEMI-NTSB20100CTG Datasheet
132Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
January, 2013 ??Rev. 5
More results

Similar Description - NTSB20U100CT-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTST20100CT ONSEMI-NTST20100CT Datasheet
132Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Trench-based Schottky
January, 2013 ??Rev. 5
NTST30100SG ONSEMI-NTST30100SG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2010 ??Rev. 0
NRTST40H100CT ONSEMI-NRTST40H100CT Datasheet
60Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2016 ??Rev. 0
NTSV30120CT ONSEMI-NTSV30120CT Datasheet
86Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 1
NTS245ESF ONSEMI-NTS245ESF Datasheet
112Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2014 ??Rev. P0
NTS245SF ONSEMI-NTS245SF Datasheet
64Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 0
NTS10100MFS ONSEMI-NTS10100MFS Datasheet
66Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NTS12100MFS ONSEMI-NTS12100MFS Datasheet
68Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
NTSJ3080CTG ONSEMI-NTSJ3080CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTSV30100SG ONSEMI-NTSV30100SG Datasheet
103Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
June, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com