Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7-104074-0 Datasheet(PDF) 16 Page - Tyco Electronics

Part # 7-104074-0
Description  AMPMODU System 50 Connectors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

7-104074-0 Datasheet(HTML) 16 Page - Tyco Electronics

Back Button 7-104074-0 Datasheet HTML 12Page - Tyco Electronics 7-104074-0 Datasheet HTML 13Page - Tyco Electronics 7-104074-0 Datasheet HTML 14Page - Tyco Electronics 7-104074-0 Datasheet HTML 15Page - Tyco Electronics 7-104074-0 Datasheet HTML 16Page - Tyco Electronics 7-104074-0 Datasheet HTML 17Page - Tyco Electronics 7-104074-0 Datasheet HTML 18Page - Tyco Electronics 7-104074-0 Datasheet HTML 19Page - Tyco Electronics 7-104074-0 Datasheet HTML 20Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
40
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
3
Thru-Hole Receptacles, .050 x .100 [1.27 x 2.54] Centerline,
Board-to-Board (Continued)
Double Row, Vertical
Part Numbers
No. of
Dimension
Post Length
Pos.
A
.100 [2.54]
.145 [3.68]
10
.294 [7.47]
5-104078-3
20
.544 [13.82]
5-104078-1
24
.644 [16.36]
5-104078-9
30
.794 [20.17]
5-104078-4
34
.894 [22.71]
6-104078-0
40
1.044 [26.52]
5-104078-2
50
1.294 [32.87]
5-104078-5
5-104744-7
60
1.544 [39.22]
5-104078-6
68
1.744 [44.30]
6-104078-3
80
2.044 [51.92]
5-104078-7
5-104744-4
100
2.544 [64.62]
5-104078-8
5-104744-5
Circuit Identification
Feature
Post Length
(See chart
below)
Material and Finish
Housing — Glass-filled thermoplastic,
black, 94V-0 rated
Contacts — Copper alloy; duplex
plated .000030 [0.00076] gold in
mating area, .000150 [0.00381] tin
on solder posts, with entire contact
underplated .000050 [0.00127] nickel
Related Product Data
Performance Specifications —
page 63
Mateable Connectors — pages 29,
30, 34, 35 & 44
Board-to-Board Spacing — page 63
PC Board Hole Layout — page 41
Technical Documents — page 64
Product Specification 108-1093
Application Specification
114-25031


Similar Part No. - 7-104074-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7-104071-0 MACOM-7-104071-0 Datasheet
154Kb / 1P
   HEADER ASSEMBLY,VERTICAL,SINGLE ROW
More results

Similar Description - 7-104074-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-103916-1 MACOM-6-103916-1 Datasheet
120Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, AMPMODU System 50
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
6-104178-1 MACOM-6-104178-1 Datasheet
136Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, SINGLE ROW, AMPMODU System 50
5-103673-6 MACOM-5-103673-6 Datasheet
633Kb / 6P
   AMPMODU MTE Interconnect System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com