Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7-104074-0 Datasheet(PDF) 36 Page - Tyco Electronics

Part # 7-104074-0
Description  AMPMODU System 50 Connectors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

7-104074-0 Datasheet(HTML) 36 Page - Tyco Electronics

Back Button 7-104074-0 Datasheet HTML 32Page - Tyco Electronics 7-104074-0 Datasheet HTML 33Page - Tyco Electronics 7-104074-0 Datasheet HTML 34Page - Tyco Electronics 7-104074-0 Datasheet HTML 35Page - Tyco Electronics 7-104074-0 Datasheet HTML 36Page - Tyco Electronics 7-104074-0 Datasheet HTML 37Page - Tyco Electronics 7-104074-0 Datasheet HTML 38Page - Tyco Electronics 7-104074-0 Datasheet HTML 39Page - Tyco Electronics 7-104074-0 Datasheet HTML 40Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
60
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Application Tooling for Flexible Film Contacts
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
3
Hand Crimping
Tool Assemblies
(for repair purposes)
The flexible film
semiautomatic bench
machine for terminating
.050 [1.27] and .100 [2.54]
centerline flexible flat
conductor cable (FFC),
flexible etched circuitry
(FEC), and flexible printed
wiring (FPW) with AMP FFC
reel-mounted contacts. For
each cable or circuitry, the
contacts are automatically
applied one-at-a-time in a
straight sequence. To skip
positions, an optional
programmer control box is
available. Crimp height is
easily adjustable in .0002
[.0051] increments.
Termination rates up to
200 contacts per minute.
Flexible Film Termination Machine
(Terminates Continuous Strip Contacts Sequentially)
Specifications
Width — 20.5 [520]
Depth — 27.5 [700]
Height — 18 [460] (with reel support)
Reel Size — 24 [610] (max.)
Weight — 100 lb. [45.4 kg]
Electrical Source —
120 VAC, 50/60 Hz, 7.0 A;
240 VAC, 50/60 Hz, 3.5 A
Technical Documents
Customer Manuals
409-5835 (Part Numbers 224910 and
318619)
409-5880 Programmer Kit (Part
Number 356484-1)
For tooling information, contact the
Technical Support Center:
1-800-522-6752.
Machine Part Numbers
Description
Machine
Machine
With Programmer*
.100 [2.54] CL, Multi-Crimp, 120 V
224910-1
318619-1
.100 [2.54] CL, Multi-Crimp, 240 V
224910-2
318619-2
.100 [2.54] CL, ARINC, 120 V
224910-3
318619-3
.050 [1.27] CL, Multi-Crimp, 120 V
224910-4
318619-4
.050 [1.27] CL, Multi-Crimp, 240 V
224910-6
318619-6
*The Programmer Kit (Part No. 356484-1) may be purchased with a new
machine, or separately for adding onto an existing machine.
Part No. 90273-5—for .100 CL
Multi-Crimp Contacts (408-9564)
Extraction Tools for .100 CL
Contacts
Tool No. 91200-
*— for Receptacle
Housings with Side Locking Lance
Slot (408-7916)
Tool No. 91047-
*— for Receptacle
and Pin Housings with End Locking
Lance Slot (408-7384)
*Consult Tyco Electronics for
specific dash nos.


Similar Part No. - 7-104074-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7-104071-0 MACOM-7-104071-0 Datasheet
154Kb / 1P
   HEADER ASSEMBLY,VERTICAL,SINGLE ROW
More results

Similar Description - 7-104074-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-103916-1 MACOM-6-103916-1 Datasheet
120Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, AMPMODU System 50
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
6-104178-1 MACOM-6-104178-1 Datasheet
136Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, SINGLE ROW, AMPMODU System 50
5-103673-6 MACOM-5-103673-6 Datasheet
633Kb / 6P
   AMPMODU MTE Interconnect System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com