Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7-104074-0 Datasheet(PDF) 37 Page - Tyco Electronics

Part # 7-104074-0
Description  AMPMODU System 50 Connectors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

7-104074-0 Datasheet(HTML) 37 Page - Tyco Electronics

Back Button 7-104074-0 Datasheet HTML 33Page - Tyco Electronics 7-104074-0 Datasheet HTML 34Page - Tyco Electronics 7-104074-0 Datasheet HTML 35Page - Tyco Electronics 7-104074-0 Datasheet HTML 36Page - Tyco Electronics 7-104074-0 Datasheet HTML 37Page - Tyco Electronics 7-104074-0 Datasheet HTML 38Page - Tyco Electronics 7-104074-0 Datasheet HTML 39Page - Tyco Electronics 7-104074-0 Datasheet HTML 40Page - Tyco Electronics 7-104074-0 Datasheet HTML 41Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
61
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Application Tooling for Compliant Pin Connectors
AMPMODU Interconnection System
3
Note: All part numbers are RoHS compliant.
BMEP
MEP
AEP 6T
AEP 12T
System Type
Benchtop
Stand-Alone
Stand-Alone
Stand-Alone or
Semi-Automatic Press
Semi-Automatic Press
Automatic Press
Inline Automatic Press
Force Capability
Up to 5 Tons
Up to 12 Tons
Up to 6 Tons
Up to 12 Tons
[44 kN]
[107 kN]
[53 kN]
[107 kN]
Board Size Capability
Up to 18" x 24"
Up to 30" x 36"
Up to 30" x 36"
Up to 36" x 48"
[460x610 mm]
[760x915 mm]
[760x915 mm]
[915x1220 mm]
Please contact the Tyco Tooling Assistance Center at 1-800-722-1111 for help with choosing the correct press and tooling to meet your application needs.
See Catalog 1309329 for more information on this equipment.
ASG Servo Electric Presses
for Compliant Pin
Connectors
Every Tyco Electronics ASG
servo press utilizes real-
time force and distance
monitoring and control.
This allows the press to
identify an error and react
throughout the press stroke.
Common problems such as
PCB holes above\below
specification and some-
times bent pins can be
detected by monitoring both
minimum and maximum
force parameters. Common
operator error such as
improperly placed connec-
tors, missing\incorrect con-
nector or tooling can also
be found by monitoring pre-
mature or missing force
parameters. In each case,
the system can stop during
the press cycle to avoid
costly scrap and rework.
Product Line Overview
Tyco Electronics offers the
ASG line of servo electric
presses for the application
of compliant pin products.
Systems are available in a
wide range of pressing
forces, board size capabili-
ties and automation levels
to meet almost any applica-
tions requirements. Each
system utilizes a servo elec-
tric motor with PC control.
Coupled with force and dis-
tance monitoring and con-
trol, the entire line provides
100% quality assurance in
real-time with SPC data col-
lection capabilities.
Automatic set up and a
graphical operator interface
help provide intuitive opera-
tion to help reduce common
and costly operator errors.
Press Force Monitoring for Scrap Avoidance


Similar Part No. - 7-104074-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7-104071-0 MACOM-7-104071-0 Datasheet
154Kb / 1P
   HEADER ASSEMBLY,VERTICAL,SINGLE ROW
More results

Similar Description - 7-104074-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-103916-1 MACOM-6-103916-1 Datasheet
120Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, AMPMODU System 50
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
6-104178-1 MACOM-6-104178-1 Datasheet
136Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, SINGLE ROW, AMPMODU System 50
5-103673-6 MACOM-5-103673-6 Datasheet
633Kb / 6P
   AMPMODU MTE Interconnect System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com