Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7-104074-0 Datasheet(PDF) 42 Page - Tyco Electronics

Part # 7-104074-0
Description  AMPMODU System 50 Connectors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

7-104074-0 Datasheet(HTML) 42 Page - Tyco Electronics

Back Button 7-104074-0 Datasheet HTML 38Page - Tyco Electronics 7-104074-0 Datasheet HTML 39Page - Tyco Electronics 7-104074-0 Datasheet HTML 40Page - Tyco Electronics 7-104074-0 Datasheet HTML 41Page - Tyco Electronics 7-104074-0 Datasheet HTML 42Page - Tyco Electronics 7-104074-0 Datasheet HTML 43Page - Tyco Electronics 7-104074-0 Datasheet HTML 44Page - Tyco Electronics 7-104074-0 Datasheet HTML 45Page - Tyco Electronics 7-104074-0 Datasheet HTML 46Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
66
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
2mm Headers, Unshrouded, Double Row, Thru-Hole, Vertical Mount
AMPMODU Interconnection System
4
METRIC
Dimensions are
millimeters over inches
0.5 [.02] Square
Straight Posts
Material and Finish
Housing — Black thermoplastic,
UL 94V-O Rated
Posted Contacts — Copper alloy,
duplex plated as follows:
0.00020 [.000008] min. gold on contact
area, 0.00254 [.000100] min. tin on
solder area, with entire contact
underplated 0.00127 [.000050] min.
nickel
Related Product Data
Mateable Receptacles —
pages 80-84
Product Specification
108-57197
Packaging Method — Loose piece,
bag
Dimensions
Part Numbers
Position
AB
Reflow
240°C
265°C
4
4.0 [.16]
2.0 [.08]
1470213-4
1734508-4
6
6.0 [.24]
4.0 [.16]
1470213-6
1734508-6
8
8.0 [.32]
6.0 [.24]
1470213-8
1734508-8
10
10.0 [.39]
8.0 [.32]
1-1470213-0
1-1734508-0
12
12.0 [.47]
10.0 [.39]
1-1470213-2
1-1734508-2
14
14.0 [.55]
12.0 [.47]
1-1470213-4
1-1734508-4
16
16.0 [.63]
14.0 [.55]
1-1470213-6
1-1734508-6
18
18.0 [.71]
16.0 [.63]
1-1470213-8
1-1734508-8
20
20.0 [.79]
18.0 [.71]
2-1470213-0
2-1734508-0
22
22.0 [.87]
20.0 [.79]
2-1470213-2
2-1734508-2
24
24.0 [.94]
22.0 [.87]
2-1470213-4
2-1734508-4
26
26.0 [1.02]
24.0 [.94]
2-1470213-6
2-1734508-6
28
28.0 [1.10]
26.0 [1.02]
2-1470213-8
2-1734508-8
30
30.0 [1.18]
28.0 [1.10]
3-1470213-0
3-1734508-0
32
32.0 [1.26]
30.0 [1.18]
3-1470213-2
3-1734508-2
34
34.0 [1.34]
32.0 [1.26]
3-1470213-4
3-1734508-4
36
36.0 [1.42]
34.0 [1.34]
3-1470213-6
3-1734508-6
38
38.0 [1.50]
36.0 [1.42]
3-1470213-8
3-1734508-8
40
40.0 [1.57]
38.0 [1.50]
4-1470213-0
4-1734508-0
42
42.0 [1.65]
40.0 [1.57]
4-1470213-2
4-1734508-2
44
44.0 [1.73]
42.0 [1.65]
4-1470213-4
4-1734508-4
46
46.0 [1.81]
44.0 [1.73]
4-1470213-6
4-1734508-6
48
48.0 [1.89]
46.0 [1.81]
4-1470213-8
4-1734508-8
50
50.0 [1.97]
48.0 [1.89]
5-1470213-0
5-1734508-0
52
52.0 [2.05]
50.0 [1.97]
5-1470213-2
5-1734508-2
54
54.0 [2.13]
52.0 [2.05]
5-1470213-4
5-1734508-4
56
56.0 [2.20]
54.0 [2.13]
5-1470213-6
5-1734508-6
58
58.0 [2.28]
56.0 [2.20]
5-1470213-8
5-1734508-8
60
60.0 [2.36]
58.0 [2.28]
6-1470213-0
6-1734508-0
62
62.0 [2.44]
60.0 [2.36]
6-1470213-2
6-1734508-2
64
64.0 [2.52]
62.0 [2.44]
6-1470213-4
6-1734508-4
66
66.0 [2.60]
64.0 [2.52]
6-1470213-6
6-1734508-6
68
68.0 [2.68]
66.0 [2.60]
6-1470213-8
6-1734508-8
70
70.0 [2.76]
68.0 [2.68]
7-1470213-0
7-1734508-0
72
72.0 [2.83]
70.0 [2.76]
7-1470213-2
7-1734508-2
74
74.0 [2.91]
72.0 [2.83]
7-1470213-4
7-1734508-4
76
76.0 [2.99]
74.0 [2.91]
7-1470213-6
7-1734508-6
78
78.0 [3.07]
76.0 [2.99]
7-1470213-8
7-1734508-8
80
80.0 [3.15]
78.0 [3.07]
8-1470213-0
8-1734508-0
A
±0.50
[±0.02]
B
±0.10
[±.004]
0.50±0.02
[.02±.001]
DIA TYP
4.00±0.15
[.157±.006]
4.00±0.15
[.157±.006]
2.00±0.15
[.079±.006]
2.00±0.15
[.079±.006]
2.60±0.02
[.102±.001]
1.50±0.15
[.059±.006]
B
2.00±0.15
[.079±.006]
TYP
2.00
[.079]
TYP
0.80
[.031]
DIA TYP
Recommended Solder Pad Layout
Note: All part numbers are RoHS
compliant.


Similar Part No. - 7-104074-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7-104071-0 MACOM-7-104071-0 Datasheet
154Kb / 1P
   HEADER ASSEMBLY,VERTICAL,SINGLE ROW
More results

Similar Description - 7-104074-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-103916-1 MACOM-6-103916-1 Datasheet
120Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, AMPMODU System 50
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
6-104178-1 MACOM-6-104178-1 Datasheet
136Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, SINGLE ROW, AMPMODU System 50
5-103673-6 MACOM-5-103673-6 Datasheet
633Kb / 6P
   AMPMODU MTE Interconnect System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com