Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7-104074-0 Datasheet(PDF) 44 Page - Tyco Electronics

Part # 7-104074-0
Description  AMPMODU System 50 Connectors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

7-104074-0 Datasheet(HTML) 44 Page - Tyco Electronics

Back Button 7-104074-0 Datasheet HTML 40Page - Tyco Electronics 7-104074-0 Datasheet HTML 41Page - Tyco Electronics 7-104074-0 Datasheet HTML 42Page - Tyco Electronics 7-104074-0 Datasheet HTML 43Page - Tyco Electronics 7-104074-0 Datasheet HTML 44Page - Tyco Electronics 7-104074-0 Datasheet HTML 45Page - Tyco Electronics 7-104074-0 Datasheet HTML 46Page - Tyco Electronics 7-104074-0 Datasheet HTML 47Page - Tyco Electronics 7-104074-0 Datasheet HTML 48Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
68
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
2mm Breakaway Headers, Unshrouded, Double Row, Thru-Hole,
Right-Angle Mount
AMPMODU Interconnection System
4
METRIC
Dimensions are
millimeters over inches
0.5 [.02] Square
Right-Angle Posts
Material and Finish
Housing — Black thermoplastic,
UL 94V-0 rated
Posted Contacts — Brass, duplex
plated as follows:
A — 0.00020 [.000008] min. gold on
contact area, 0.00100 [.000039] min.
tin on solder area, with entire contact
underplated 0.00130 [.000051] min.
nickel
B — 0.00076 [.000030] min. gold on
contact area, 0.00100 [.000039] min.
tin on solder area, with entire contact
underplated 0.00130 [.000051] min.
nickel
Related Product Data
Mateable Receptacles —
pages 80-84
Product Specification
108-5296
Packaging Method — Loose piece,
bag
0.5
[.02]
DIA TYP
0.5
[.02]
TYP
L
Tin-Lead
Plated
Area
2.0
±0.08*
[.08
±.003]
Typ.
Recommended PC Board Hole Layout
* Hole centerline to be 2.0
±0.08 [.08±.003]; tolerances
not to accumulate within one connector pattern.
TYP
TYP
TYP
TYP
DIA TYP
DIA TYP
DIA TYP
No.
Dimensions
Contact Plating
of
Lead Length L = 2.6[.10]**
Positions
AB
AB
4
4.0 [0.16]
2.0 [0.08]
5176837-1
2-5176837-5
6
6.0 [0.24]
4.0 [0.16]
5176837-2
2-5176837-6
8
8.0 [0.31]
6.0 [0.24]
5176837-3
10
10.0 [0.39]
8.0 [0.31]
5176837-4
12
12.0 [0.47]
10.0 [0.39]
5176837-5
14
14.0 [0.55]
12.0 [0.47]
5176837-6
3-5176837-0
16
16.0 [0.63]
14.0 [0.55]
5176837-7
18
18.0 [0.71]
16.0 [0.63]
3-5176837-2
20
20.0 [0.79]
18.0 [0.71]
3-5176837-3
22
22.0 [0.87]
20.0 [0.79]
3-5176837-4
26
26.0 [1.02]
24.0 [0.94]
1-5176837-2
30
30.0 [1.18]
28.0 [1.10]
1-5176837-4
32
32.0 [1.26]
30.0 [1.18]
1-5176837-5
3-5176837-9
34
34.0 [1.34]
32.0 [1.26]
4-5176837-0
36
36.0 [1.42]
34.0 [1.34]
4-5176837-1
38
38.0 [1.50]
36.0 [1.42]
1-5176837-8
4-5176837-2
40
40.0 [1.57]
38.0 [1.50]
1-5176837-9
5-5176837-2
42
42.0 [1.65]
40.0 [1.57]
2-5176837-0
4-5176837-4
44
44.0 [1.73]
42.0 [1.65]
2-5176837-1
46
46.0 [1.81]
44.0 [1.73]
2-5176837-2
4-5176837-6
48
48.0 [1.89]
46.0 [1.81]
2-5176837-3
4-5176837-7
50
50.0 [1.97]
48.0 [1.89]
2-5176837-4
4-5176837-8


Similar Part No. - 7-104074-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7-104071-0 MACOM-7-104071-0 Datasheet
154Kb / 1P
   HEADER ASSEMBLY,VERTICAL,SINGLE ROW
More results

Similar Description - 7-104074-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-103916-1 MACOM-6-103916-1 Datasheet
120Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, AMPMODU System 50
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
6-104178-1 MACOM-6-104178-1 Datasheet
136Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, SINGLE ROW, AMPMODU System 50
5-103673-6 MACOM-5-103673-6 Datasheet
633Kb / 6P
   AMPMODU MTE Interconnect System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com