Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7-104074-0 Datasheet(PDF) 55 Page - Tyco Electronics

Part # 7-104074-0
Description  AMPMODU System 50 Connectors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

7-104074-0 Datasheet(HTML) 55 Page - Tyco Electronics

Back Button 7-104074-0 Datasheet HTML 51Page - Tyco Electronics 7-104074-0 Datasheet HTML 52Page - Tyco Electronics 7-104074-0 Datasheet HTML 53Page - Tyco Electronics 7-104074-0 Datasheet HTML 54Page - Tyco Electronics 7-104074-0 Datasheet HTML 55Page - Tyco Electronics 7-104074-0 Datasheet HTML 56Page - Tyco Electronics 7-104074-0 Datasheet HTML 57Page - Tyco Electronics 7-104074-0 Datasheet HTML 58Page - Tyco Electronics 7-104074-0 Datasheet HTML 59Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
79
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
2mm Headers, Shrouded, Double Row, Thru-Hole, Right-Angle Mount
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
4
METRIC
Dimensions are
millimeters over inches
0.5 [.02] Square Right-Angle
Posts with Cable Shroud
Material and Finish
Housing — Black thermoplastic,
UL 94 V-O Rated
Posted Contacts — Brass, duplex
plated as follows:
0.00254 [.000100] min. tin on contact
area, with entire contact underplated
0.00127 [.000050] min. nickel
Related Product Data
Mateable Receptacles —
See Drawings 1470106 Contacts and
1470107 Housing
Product Specification
108-57217
Packaging Method — Loose piece,
bag
No. of
Dimensions
Part Numbers
Position
ABC
6
4.0 [0.16]
8.00 [0.31]
6.74 [0.26]
1470108-6
8
6.0 [0.24]
10.00 [0.39]
8.74 [0.34]
1470108-8
10
8.0 [0.32]
12.00 [0.47]
10.74 [0.42]
1-1470108-0
12
10.0 [0.39]
14.00 [0.55]
12.74 [0.50]
1-1470108-2
14
12.0 [0.47]
16.00 [0.63]
14.74 [0.58]
1-1470108-4
16
18.0 [0.71]
18.00 [0.71]
16.74 [0.66]
1-1470108-6
18
14.0 [0.55]
20.00 [0.79]
18.74 [0.74]
1-1470108-8
20
16.0 [0.63]
22.00 [0.87]
20.74 [0.82]
2-1470108-0
22
22.0 [0.87]
24.00 [0.94]
22.74 [0.89]
2-1470108-2
24
20.0 [0.79]
26.00 [1.02]
24.74 [0.97]
2-1470108-4
26
24.0 [0.94]
28.00 [1.10]
26.74 [1.05]
2-1470108-6
28
28.0 [1.10]
30.00 [1.18]
28.74 [1.13]
2-1470108-8
30
26.0 [1.02]
32.00 [1.26]
30.74 [1.21]
3-1470108-0
32
30.0 [1.18]
34.00 [1.34]
32.74 [1.29]
3-1470108-2
Recommended PCB Layout
2.00
[.08]
TYP
0.7±0.1
[.028±.004]
3.0±0.2
[.118±.008]
0.5±0.05
[.02±.002]
2.0±0.1
[.079±.004]
5.00
[1.97]
7.00
[.276]
7.00
[.276]
1.15
[.045]
.079
[2.0]
4.3
[.169]
9.5
[.374]
1.35
[.053] TYP
2.0
[.079] TYP
0.8
[.031]
3.5
[.138]
0.95
[.037]
TYP
1.60
[0.63]
TYP
B±0.3
[±.012]
A±0.25
[±.010]
C +0.2/-0.05
[+.008/-.002]


Similar Part No. - 7-104074-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7-104071-0 MACOM-7-104071-0 Datasheet
154Kb / 1P
   HEADER ASSEMBLY,VERTICAL,SINGLE ROW
More results

Similar Description - 7-104074-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-103916-1 MACOM-6-103916-1 Datasheet
120Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, AMPMODU System 50
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
6-104178-1 MACOM-6-104178-1 Datasheet
136Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, SINGLE ROW, AMPMODU System 50
5-103673-6 MACOM-5-103673-6 Datasheet
633Kb / 6P
   AMPMODU MTE Interconnect System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com