Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7-1393478-2 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 7-1393478-2
Description  Socketconnector 90 solderversion
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

7-1393478-2 Datasheet(HTML) 7 Page - Tyco Electronics

  7-1393478-2 Datasheet HTML 1Page - Tyco Electronics 7-1393478-2 Datasheet HTML 2Page - Tyco Electronics 7-1393478-2 Datasheet HTML 3Page - Tyco Electronics 7-1393478-2 Datasheet HTML 4Page - Tyco Electronics 7-1393478-2 Datasheet HTML 5Page - Tyco Electronics 7-1393478-2 Datasheet HTML 6Page - Tyco Electronics 7-1393478-2 Datasheet HTML 7Page - Tyco Electronics 7-1393478-2 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image


Similar Part No. - 7-1393478-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
7-1393090-0 TEC-7-1393090-0 Datasheet
366Kb / 3P
   Mechanical indicator as standard
7-1393090-1 TEC-7-1393090-1 Datasheet
366Kb / 3P
   Mechanical indicator as standard
7-1393091-0 TEC-7-1393091-0 Datasheet
366Kb / 3P
   Mechanical indicator as standard
7-1393091-1 TEC-7-1393091-1 Datasheet
366Kb / 3P
   Mechanical indicator as standard
7-1393091-2 TEC-7-1393091-2 Datasheet
366Kb / 3P
   Mechanical indicator as standard
More results

Similar Description - 7-1393478-2

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8095-90 INTEL-8095-90 Datasheet
1Mb / 19P
   MCS-96 809X-90, 839X-90
logo
SYNERGY MICROWAVE CORPO...
SLQ-KA2 SYNERGY-SLQ-KA2 Datasheet
495Kb / 4P
   90 HYBRID
SLQ-K20 SYNERGY-SLQ-K20 Datasheet
495Kb / 4P
   90 HYBRID
logo
ERNI Electronics
DC0007175 ERNI-DC0007175 Datasheet
54Kb / 1P
   MSpeed Messerl. 90. PM MSpeed male 90. PM
logo
Ledil, Inc.
FP16310 LEDIL-FP16310 Datasheet
2Mb / 4P
   90 x 90 mm 18 mm screw black
logo
Pasternack Enterprises,...
PE6824 PASTERNACK-PE6824_17 Datasheet
349Kb / 3P
   90 Watts High Power WR-90 Waveguide Load
logo
ERNI Electronics
DC0007160 ERNI-DC0007160 Datasheet
73Kb / 1P
   MSpeed Federl. 90 PM MSpeed female 90 PM
DC0007178 ERNI-DC0007178 Datasheet
73Kb / 1P
   MSpeed Messerl. 90. PM MSpeed male 90. PM
DC0007172 ERNI-DC0007172 Datasheet
74Kb / 1P
   MSpeed Messerl. 90. PM MSpeed male 90. PM
logo
KR Electronics, Inc.
3025 KR-3025 Datasheet
57Kb / 3P
   90 MHz Lowpass
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com