Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

206036-1 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 206036-1
Description  AMP Circular Connectors for Commercial Signal and Power Applications
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

206036-1 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 206036-1 Datasheet HTML 2Page - Tyco Electronics 206036-1 Datasheet HTML 3Page - Tyco Electronics 206036-1 Datasheet HTML 4Page - Tyco Electronics 206036-1 Datasheet HTML 5Page - Tyco Electronics 206036-1 Datasheet HTML 6Page - Tyco Electronics 206036-1 Datasheet HTML 7Page - Tyco Electronics 206036-1 Datasheet HTML 8Page - Tyco Electronics 206036-1 Datasheet HTML 9Page - Tyco Electronics 206036-1 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
AMP Circular Connectors for
Commercial Signal and Power Applications
6
Catalog 82021
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 7-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341
Performance Characteristics — CPC and Metal-Shell CPC Connectors
Note: All part numbers
are RoHS Compliant.
More information on the
performance of AMP CPC
and metal-shell CPC
connectors is available by
requesting the following
AMP Product Specifications:
108-10024––
CPC Connectors
108-10037––
Type XII Contacts
108-10020––
Size 20 DM and 20 DF
Contacts
108-10040––
Metal-Shell CPC
Connectors
108-10042––
Type III+ Contacts
108-1579––
Sealed CPC Connectors
with Removeable Contacts
Test Description
Procedure
Requirements
Maintenance
Contacts removed and
No damage to contacts
Aging
reinserted 10 times using
or housings. Contact
applicable tools
retention maintained
Contact Retention
Axial load applied to
Contacts remain in
contact to displace to the
place when subjected to
rear of the connector
a minimum 10 lb. load*
Dielectric Withstanding
Connectors subjected to
No breakdown or
Voltage (MIL-STD-1344,
1500 volts rms at sea
flashover
Method 3001)
level
Thermal Shock
Connectors subjected to
No damage
five cycles of temperature
change (-55°C and +125°C)
Vibration
Connectors vibrated
No damage or loosening of
(MIL-STD-202,
(wired and mated).
parts. No interruption
Method 204,
Contacts wired in series
of electrical continuity
Test Condition B)
with 100 milliamperes
longer than 10 microseconds
flowing during the test
Physical Shock
Connectors shocked
No damage or loosening
(MIL-STD-202,
50 G (wired and mated).
of parts. No interruption of
Method 213A,
Contacts wired in series
electrical continuity longer
Test Condition A)
with 100 milliamperes
than 10 microseconds
flowing during the test
Durability
Connectors mated and
No wear through
unmated 25 times with tin
damage to plating
plated contacts and 500
times with gold plated
contacts
Corrosion (Salt Spray)
Mated connectors
No damage
(MIL-STD-202, Method 101,
subjected to 5% salt
Test Condition B)
spray for 48 hours
Protection Against
a. Test wire is pushed
a. Must not touch live parts
Solids
into mated connectors
b. No dust deposits
b. Mated connectors
observed on mating
subjected to circulating
surfaces
talcum powder
Protection Against
Water is projected through
No water deposits shall
Water
jets against mated
be observed on mating
connector from any direction
surfaces of contacts
and then temporarily
or housings
immersed in water
Temperature Life
Mated connectors
No damage
subjected to a temperature
of +125°C for 200 hours
Insulation Resistance
Measurement made
5000 megohms
(MIL-STD-1344,
between adjacent contacts
minimum ambient
Method 3003)
with connector mated
temperature
Humidity
Mated connectors
Minimum insulation
(MIL-STD-202, Method 103,
subjected to 10 days
resistance of
Test Condition B)
moisture test
100 megohms
*For size 16 contacts. Size 8 contacts 25 lb. load, min.


Similar Part No. - 206036-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
206036-1 MACOM-206036-1 Datasheet
250Kb / 3P
   RECEPTACLE HOUSING, STD SEX, SHELL SIZE 17, CPC
More results

Similar Description - 206036-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-207303-3 MACOM-1-207303-3 Datasheet
3Mb / 51P
   AMP Circular Connectors for Commercial Signal & Power Applications
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
   Circular Connectors
logo
Hirose Electric
HR24A-8DLPA4SA2200A HIROSE-HR24A-8DLPA4SA2200A Datasheet
722Kb / 17P
   CIRCULAR WATER-PROOF CONNECTORS FOR SENSORS
logo
DB Lectro Inc
AEC0610SL-P9 DBLECTRO-AEC0610SL-P9 Datasheet
434Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
LinkCom Manufacturing C...
LTC0290-50 LINKCOM-LTC0290-50 Datasheet
216Kb / 3P
   Signal Chokes for Data and Telecom Applications
logo
DB Lectro Inc
AEC0810SL-P9 DBLECTRO-AEC0810SL-P9 Datasheet
435Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
ITT Industries
FRF ITT-FRF Datasheet
80Kb / 1P
   Circular Commercial Aircraft Military Aircraft
logo
Lumberg
0137 LUMBERG-0137 Datasheet
784Kb / 3P
   DIN circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
   Miniature circular connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com