Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM24WXX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # NM24WXX
Description  2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM24WXX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button NM24WXX Datasheet HTML 5Page - Fairchild Semiconductor NM24WXX Datasheet HTML 6Page - Fairchild Semiconductor NM24WXX Datasheet HTML 7Page - Fairchild Semiconductor NM24WXX Datasheet HTML 8Page - Fairchild Semiconductor NM24WXX Datasheet HTML 9Page - Fairchild Semiconductor NM24WXX Datasheet HTML 10Page - Fairchild Semiconductor NM24WXX Datasheet HTML 11Page - Fairchild Semiconductor NM24WXX Datasheet HTML 12Page - Fairchild Semiconductor NM24WXX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
www.fairchildsemi.com
NM24Wxx Rev. C.2
Write Operations
Byte Write
For a write operation a second address field is required which is
a word address that is comprised of eight bits and provides access
to any one of the 256 words in the selected page of memory. Upon
receipt of the word address the NM24Wxx responds with an
acknowledge and waits for the next eight bits of data, again,
responding with an acknowledge. The master then terminates the
transfer by generating a stop condition, at which time the NM24Wxx
begins the internal write cycle to the nonvolatile memory. While
the internal write cycle is in progress the NM24Wxx inputs are
disabled, and the device will not respond to any requests from the
master. Refer to
Figure 5 for the address, acknowledge and data
transfer sequence.
Page Write
The NM24Wxx is capable of a sixteen byte page write operation.
It is initiated in the same manner as the byte write operation; but
instead of terminating the write cycle after the first data word is
transferred, the master can transmit up to fifteen more words. After
the receipt of each word, the NM24Wxx will respond with an
acknowledge.
After the receipt of each word, the internal address counter
increments to the next address and the next SDA data is accepted.
If the master should transmit more than sixteen words prior to
generating the stop condition, the address counter will 'roll over'
and the previously written data will be overwritten. As with the byte
write operation, all inputs are disabled until completion of the
internal write cycle. Refer to
Figure 6 for the address, acknowl-
edge, and data transfer sequence.
Acknowledge Polling
Once the stop condition is issued to indicate the end of the host’s
write operation the NM24Wxx initiates the internal write cycle.
ACK polling can be initiated immediately. This involves issuing the
start condition followed by the slave address for a write operation.
If the NM24Wxx is still busy with the write operation no ACK will
be returned. If the NM24Wxx has completed the write operation an
ACK will be returned and the host can then proceed with the next
read or write operation.
Write Protection
Programming of the memory will not take place if the WP pin of the
NM24Wxx is connected to VCC. The NM24Wxx will accept slave
and word addresses; but if the memory accessed is write pro-
tected by the WP pin, the NM24Wxx will not generate an acknowl-
edge after the first byte of data has been received, and thus the
program cycle will not be started when the stop condition is
asserted.
S
T
O
P
Bus Activity:
Master
Bus Activity:
NM24Wxx
SDA Line
DATA n + 15
DATA n + 1
DATA n
BYTE ADDRESS (n)
A
C
K
S
T
A
R
T
SLAVE
ADDRESS
A
C
K
A
C
K
A
C
K
A
C
K
S
T
O
P
A
C
K
DATA
A
C
K
A
C
K
S
T
A
R
T
WORD
ADDRESS
SLAVE
ADDRESS
Bus Activity:
Master
Bus Activity:
NM24Wxx
SDA Line
Byte Write (Figure 5)
Page Write (Figure 6)
DS500074-12
DS500074-13


Similar Part No. - NM24WXX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24W16UEM8 FAIRCHILD-NM24W16UEM8 Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
NM24W16UEMT8 FAIRCHILD-NM24W16UEMT8 Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
NM24W16UEN FAIRCHILD-NM24W16UEN Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
NM24W16UFEM8 FAIRCHILD-NM24W16UFEM8 Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
NM24W16UFEMT8 FAIRCHILD-NM24W16UFEMT8 Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
More results

Similar Description - NM24WXX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM34W02U FAIRCHILD-FM34W02U Datasheet
95Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM34W02 FAIRCHILD-NM34W02 Datasheet
93Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Samsung semiconductor
S524C20D10 SAMSUNG-S524C20D10 Datasheet
152Kb / 22P
   1K/2K/4K/8K-bit Serial EEPROM with software write protect
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Fairchild Semiconductor
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
   32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
   64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com