Selected language     English  ▼


0-1103427-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. 0-1103427-2
Description  Power4Net Hybrid Connector for Industrial Automation
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 2 page
background image
te.com/products/Power4Net
Power4Net hybrid connector
TE Connectivity
APPLICATIONS
High-performance process control systems applications
Machine automation applications
Factory automation systems
Control valves and control units
Stand-alone or remote power units
Railway systems and outdoor transportation control systems
MECHANICAL
Shock: 25 g (DIN EN 50155)
EMC: min -60dB to 1 GHz
Isolation level: 1.5 kV AC
Durability: 50 mating/un-mating cycles
ELECTRICAL
Voltage: 60 V (pollution degree 3, according EN 61984)
Ampacity: 10 A @ 40°C
Operating temperature: -20°C up to +80°C
Protection: IP67 (according to IEC 60529)
Communication: Cat5e (ISO/IEC 11801 Edition 2.0 Connector Category 5)
MATERIALS
Housings: Hydraulic oil-resistant plastic or EMC protected metal
Contacts: Copper alloy with gold, silver and tin plated versions
Interfacial and wire entry seals: UV protected silicone
STANDARDS
Meets VARAN standard (Versatile Automation Random Access Network),
an Industrial Ethernet based protocol used in factory automation
Cat5e fast Ethernet (ISO/IEC11801)
DIN EN 61984
SIL-3, IEEE61508, PL e
KEY FEATURES
•Hybrid design, combining
power and data communication
•Housing with 8 power contacts
and fast Ethernet interface
•Optional housing with 11 + PE
(Protection Earth) contacts
•Wire-to-board, wire-to-panel
and wire-to-wire designs
•Extremely robust contact
design for longer durability with
stainless steel locking lance and
multiple contact points
•Gold, silver and tin plated
contacts for industrial
automation requirements
•Radial sealing elements provide
IP67 sealing performance
•Hydraulic oil-resistant plastic
enclosures or EMC protected
metal enclosures
•Bulkhead, connector and wire-
to-wire connectors in 90° and
180° designs
•Turning catch-lock ensures safe
locking even in high shock and
vibration applications




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl