Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

206837-1 Datasheet(PDF) 7 Page - Tyco Electronics

Part # 206837-1
Description  AMP Circular Connectors for Commercial Signal and Power Applications
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

206837-1 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button 206837-1 Datasheet HTML 3Page - Tyco Electronics 206837-1 Datasheet HTML 4Page - Tyco Electronics 206837-1 Datasheet HTML 5Page - Tyco Electronics 206837-1 Datasheet HTML 6Page - Tyco Electronics 206837-1 Datasheet HTML 7Page - Tyco Electronics 206837-1 Datasheet HTML 8Page - Tyco Electronics 206837-1 Datasheet HTML 9Page - Tyco Electronics 206837-1 Datasheet HTML 10Page - Tyco Electronics 206837-1 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
7
Catalog 82021
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 7-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341
Note: All part numbers
are RoHS Compliant.
Levels of Protection for Electric Operating Material
According to IEC 60529 and IEC 60947, Appendix C
X1
Degree of Protection
against ingress of solid
foreign objects
X2
Degree of Protection
against ingress of water
IP Codes
Environmentally Protected
Circular Plastic Connectors,
for Mated CPC Connectors
Utilizing Peripheral Seals
and either Wire Entry Seals
(for Discrete Wire
Applications) or Heat
Shrink Boots (for Jacketed
Cable Applications).
Available are Various
Sizes, Series 1, 5 and 6.
Degree of
Protection, X1
1
2
3
4
5
6
Protection against ingress of
solid foreign objects
No Protection
Protection against objects
>50mm diameter—
including inadvertently
touched by hands
Protection against objects
>12.5mm—including fingers
Protection against objects
>2.5mm diameter including tools
Protection against objects
>1.0mm diameter—
including grains
Protection against ingress
of solid foreign bodies
Protection against ingress of dust
Degree of
Protection, X2
0
1
2
3
4
5
6
7
Protection against
ingress of water
No Protection
Vertical Dripping—
Protection against vertical
drops of water
Dripping <15°—
Protection against dripping
water when the enclosure is
tilted 15° from vertical
Spraying at an angle up
to 60° from vertical
Splashing—Protection
against water splashed
from any direction
Jetting—Protection against
water stream out of a nozzle,
from any direction
Powerful Jetting—Protection
against temporary flooding due
to powerful jet streams out of
a nozzle from any direction
Temporary immersion—Protection
against temporary immersion
Internal Protection (IP)
Definition:
I
Per IEC 60947, Appendix C—
Pertains to low voltage switchgear and
control gear.
I
Per IEC 60529—Pertains to degrees
of protection provided by enclosures
(IP code).
Sample Designation:
(Where x is a numeral value), i.e. IP 65
IP
Index Letter
AMP Circular Connectors for
Commercial Signal and Power Applications


Similar Part No. - 206837-1

ManufacturerPart #DatasheetDescription
logo
Heyco.
2068 HEYCO-2068 Datasheet
137Kb / 1P
   Snub Bushings
logo
Molex Electronics Ltd.
2068663000 MOLEX-2068663000 Datasheet
50Kb / 2P
   3-in-1 (4G/Wi-Fi/GPS) External Antenna, 77.00mm Diameter, 3.0m Cables with Fakra Connectors
logo
Vicor Corporation
20687 VICOR-20687 Datasheet
78Kb / 1P
   CONNECTOR HSG, 3PIN, 19A, 600V UNIVERSAL PLUG
20687-01 VICOR-20687-01 Datasheet
78Kb / 1P
   CONNECTOR HSG, 3PIN, 19A, 600V UNIVERSAL PLUG
20688 VICOR-20688 Datasheet
75Kb / 1P
   CONNECTOR HSG, 2 PIN, 19A, 600V UNIVERSAL PLUG
More results

Similar Description - 206837-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-207303-3 MACOM-1-207303-3 Datasheet
3Mb / 51P
   AMP Circular Connectors for Commercial Signal & Power Applications
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
   Circular Connectors
logo
Hirose Electric
HR24A-8DLPA4SA2200A HIROSE-HR24A-8DLPA4SA2200A Datasheet
722Kb / 17P
   CIRCULAR WATER-PROOF CONNECTORS FOR SENSORS
logo
DB Lectro Inc
AEC0610SL-P9 DBLECTRO-AEC0610SL-P9 Datasheet
434Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
LinkCom Manufacturing C...
LTC0290-50 LINKCOM-LTC0290-50 Datasheet
216Kb / 3P
   Signal Chokes for Data and Telecom Applications
logo
DB Lectro Inc
AEC0810SL-P9 DBLECTRO-AEC0810SL-P9 Datasheet
435Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
ITT Industries
FRF ITT-FRF Datasheet
80Kb / 1P
   Circular Commercial Aircraft Military Aircraft
logo
Lumberg
0137 LUMBERG-0137 Datasheet
784Kb / 3P
   DIN circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
   Miniature circular connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com