Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

213851-1 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 213851-1
Description  AMP Circular Connectors for Commercial Signal and Power Applications
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

213851-1 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 213851-1 Datasheet HTML 6Page - Tyco Electronics 213851-1 Datasheet HTML 7Page - Tyco Electronics 213851-1 Datasheet HTML 8Page - Tyco Electronics 213851-1 Datasheet HTML 9Page - Tyco Electronics 213851-1 Datasheet HTML 10Page - Tyco Electronics 213851-1 Datasheet HTML 11Page - Tyco Electronics 213851-1 Datasheet HTML 12Page - Tyco Electronics 213851-1 Datasheet HTML 13Page - Tyco Electronics 213851-1 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
10
Catalog 82021
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 7-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341
Circular Plastic Connectors, Size 1
AMP Circular Connectors for
Commercial Signal and Power Applications
Note: All part numbers
are RoHS Compliant.
CPC Connectors, Series 1
for Cable or Panel Mount
(Accepts Type III+, High-
Current Power, Type II and
Subminiature Coax
Contacts)
Listed part numbers are for
connectors only;
contacts
must be ordered separately.
Material
Housing—Thermoplastic, 94V-0 rated,
black
Related Product Data
Contacts—Pages 17-23
Contact Arrangement—Page 24
Component Dimensions—Page 25*
Accessories—Pages 38-42, 52-54
Performance Characteristics—
Page 6
Application Tooling—Pages 76-79
Technical Documents—Page 80
Replacement Coupling Rings
Shell Size
Part No.
11
213811-1
13
213813-1
17
213810-1
23
213812-1
*M Max.
*N Max.
*Thread Size
(See chart)
*J Dia.
Panel Cutout
*L Max.
*K
Max.
Free-Hanging Receptacle
*Panel Thk.
.125
[3.18]
Max.
*E
Max.
*A
Max.
*Thread Size
(See chart)
*Thread Size
(See chart)
*E Max.
Standard Sex Connectors (Receptacles accept pin contacts, Plugs accept socket contacts)
Square Flange Receptacle
Free-Hanging
Arrangement
Keying
With Threaded
With Mounting
Receptacle
Plug
Shell
No. of
Inserts1
Holes
Size
Positions
11-4
A
208130-1
206061-1
206153-1
206060-1
13-9
A
208131-1
206705-1
206705-2
206708-1
17-16
A
206036-8
206036-1
206036-3
206037-1
B
213862-1
213849-1
23-24
A
211839-1
206838-1
206838-2
206837-1
B
213866-1
213851-1
23-37
A
787610-1
206151-1
206151-2
206150-1
B
213860-1
213848-1
Reverse Sex Connectors (Receptacles accept socket contacts, Plugs accept pin contacts)
Square Flange Receptacle
Free-Hanging
Arrangement
Keying
With Threaded
With Mounting
Receptacle
Plug
Shell
No. of
Inserts1
Holes
Size
Positions
11-4
A
211102-1
206430-1
206430-2
206429-1
17-14
A
211103-1
206043-1
206043-3
206044-1
B
796437-2
796449-1
23-37
A
206306-5
206306-1
206306-2
206305-1
B
213864-1
213850-1
1
Four 4-40 threaded inserts per receptacle.
Key Style “A” is the Standard 5 Locating Key arrangement. Key Style “B” is the 4 Locating Key arrangement.
*Note:
See page 25 for callout dimensions
1
Four 4-40 threaded inserts per receptacle.
Keying
Molded-in keying in two configurations:
A—Standard Configuration: 5 Keys
B—Optional Configuration: 4 Keys to
prevent mismating of standard and
reverse sex.
*D
±.010
[±0.25]
*D
±.010
[±0.25]
*H
+.007
–.000
[+0.18]
Dia.
*B
±.015
[±0.38]
*C
±.010
[±0.25]
*G
±.025
[±0.64]
*F
±.010
[±0.25]
*F
±.010
[±0.25]
Plug
Square Flange Receptacle
*A
Max.
*B
±.015
[±0.38]
*C
±.010
[±0.25]


Similar Part No. - 213851-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2138 POMONA-2138 Datasheet
21Kb / 1P
   Standard Banana Jack To Miniature Banana Plug
logo
Alpha Wire
2138 ALPHAWIRE-2138 Datasheet
96Kb / 3P
   Customer Specification
9/14/2022
logo
Heyco.
2138 HEYCO-2138 Datasheet
105Kb / 1P
   Universal Bushings
logo
Pomona Electronics
2138-0 POMONA-2138-0 Datasheet
21Kb / 1P
   Standard Banana Jack To Miniature Banana Plug
2138-2 POMONA-2138-2 Datasheet
21Kb / 1P
   Standard Banana Jack To Miniature Banana Plug
More results

Similar Description - 213851-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-207303-3 MACOM-1-207303-3 Datasheet
3Mb / 51P
   AMP Circular Connectors for Commercial Signal & Power Applications
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
   Circular Connectors
logo
Hirose Electric
HR24A-8DLPA4SA2200A HIROSE-HR24A-8DLPA4SA2200A Datasheet
722Kb / 17P
   CIRCULAR WATER-PROOF CONNECTORS FOR SENSORS
logo
DB Lectro Inc
AEC0610SL-P9 DBLECTRO-AEC0610SL-P9 Datasheet
434Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
LinkCom Manufacturing C...
LTC0290-50 LINKCOM-LTC0290-50 Datasheet
216Kb / 3P
   Signal Chokes for Data and Telecom Applications
logo
DB Lectro Inc
AEC0810SL-P9 DBLECTRO-AEC0810SL-P9 Datasheet
435Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
ITT Industries
FRF ITT-FRF Datasheet
80Kb / 1P
   Circular Commercial Aircraft Military Aircraft
logo
Lumberg
0137 LUMBERG-0137 Datasheet
784Kb / 3P
   DIN circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
   Miniature circular connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com