Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6469002-1 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 6469002-1
Description  High Speed Backplane Interconnect Solutions
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6469002-1 Datasheet(HTML) 6 Page - Tyco Electronics

  6469002-1 Datasheet HTML 1Page - Tyco Electronics 6469002-1 Datasheet HTML 2Page - Tyco Electronics 6469002-1 Datasheet HTML 3Page - Tyco Electronics 6469002-1 Datasheet HTML 4Page - Tyco Electronics 6469002-1 Datasheet HTML 5Page - Tyco Electronics 6469002-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
FOR MORE INFORMATION
TE Technical Support Center
USA:
+1 (800) 522-6752
Canada:
+1 (905) 475-6222
Mexico
+52 (0) 55-1106-0800
Latin/S. America:
+54 (0) 11-4733-2200
Germany:
+49 (0) 6251-133-1999
UK:
+44 (0) 800-267666
France:
+33 (0) 1-3420-8686
Netherlands:
+31 (0) 73-6246-999
China:
+86 (0) 400-820-6015
Part numbers in this brochure are RoHS Compliant*, unless marked otherwise.
*as defined www.te.com/leadfree
te.com
© 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company. All Rights Reserved.
1654263-1 CIS LUG FP 3M 08/2011
MULTIGIG RT, TE Connectivity, the TE connectivity (logo), Z-PACK and Z-PACK TinMan are trademarks. Other
logos, product and/or company names might be trademarks of their respective owners.
Advanced TCA is a trademark of PICMG-PCI Industrial Computer Mfg’s Group.
Ansys HFSS is a trademark of Ansoft Corporation.
CST Microwave Studio is a trademark of CST Computer Simulation Technology AG.
IMPACT is a trademark of Molex Inc.
MATLAB is a trademark of The MathWorks, Inc.
VITA is a trademark of VMEbus International Trade Association.
While TE has made every reasonable effort to ensure the accuracy of the information in this brochure, TE does not guarantee that it is
error-free, nor does TE make any other representation, warranty or guarantee that the information is accurate, correct, reliable or current.
TE reserves the right to make any adjustments to the information contained herein at any time without notice. TE expressly disclaims all
implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantability or
fitness for a particular purpose. The dimensions in this catalog are for reference purposes only and are subject to change without notice.
Specifications are subject to change without notice. Consult TE for the latest dimensions and design specifications.
High Speed Backplane Interconnects
Once you have determined which connector description best suits your needs, use the
chart below to find a part number to search the TE website.
Representative Part Numbers
Connector Description
Plug
Receptacle
STRADA Whisper Connectors
2149967-3
2149968-3
Z-Pack HM-Zd Connectors and Z-Pack Hm-Zd Plus Connectors
6469002-1
6469001-1
Z-Pack HS3 Connectors
5120658-1
5120790-1
MULTIGIG RT Connectors
1410187-3
1410142-1
IMPACT Connectors
2007777-1
2007703-1
Z-Pack TinMan 100 Ohm and 85 Ohm Connectors
1934269-1
1934218-1
Z-Pack Slim UHD Connectors
2042088-2
1982738-2


Similar Part No. - 6469002-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6469002-1 MACOM-6469002-1 Datasheet
240Kb / 1P
   HEADER ASSEMBLY, 4 PAIR
logo
TE Connectivity Ltd
6469002-1 TEC-6469002-1 Datasheet
423Kb / 1P
   HEADER ASSEMBLY, 4 PAIR, 2.5mm TAIL, 25mm HMZd
More results

Similar Description - 6469002-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
logo
Tyco Electronics
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
1-5102154-0 MACOM-1-5102154-0 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
logo
Lumberg
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
Tyco Electronics
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
Tyco Electronics
1410186-1 MACOM-1410186-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com