Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

206306-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 206306-1
Description  AMP Circular Connectors for Commercial Signal and Power Applications
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

206306-1 Datasheet(HTML) 2 Page - Tyco Electronics

  206306-1 Datasheet HTML 1Page - Tyco Electronics 206306-1 Datasheet HTML 2Page - Tyco Electronics 206306-1 Datasheet HTML 3Page - Tyco Electronics 206306-1 Datasheet HTML 4Page - Tyco Electronics 206306-1 Datasheet HTML 5Page - Tyco Electronics 206306-1 Datasheet HTML 6Page - Tyco Electronics 206306-1 Datasheet HTML 7Page - Tyco Electronics 206306-1 Datasheet HTML 8Page - Tyco Electronics 206306-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
AMP Circular Connectors for
Commercial Signal and Power Applications
2
Catalog 82021
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 7-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341
Introduction
Note: All part numbers
are RoHS Compliant.
I
Certified by
Canadian Standards
Association,
File No. LR 7189
I
Certain products meet
VDE Standard 062
Six connector series for
different interconnection
requirements:
I
Series 1—Standard density,
signal and low-current
applications using durable
Multimate contacts (.062 [1.57]
pin diameter)
I
Series 2—High density
applications using Size
20 DM and 20 DF contacts (.040
[1.02] pin diameter)
I
Series 3—Low density, power
applications with Type XII
contacts capable of carrying up to
35 amperes of current
I
Series 4—Combination of
standard and power density
application with Type III+ and
Type XII contacts
I
Series 5—Power density
application with Size 8 screw
machined and precision formed
contacts
I
Series 6—Combination of
standard and power density
application with Type III+ and
Size 8 contacts
Product Facts
I
Lightweight, all-plastic and
metal-shell connectors
I
CPC connectors are UL
94V-0 rated and made of
stabilized, heat resistant, self-
extinguishing thermoplastic
material
I
Metal-shell CPC connector
housings made of UL 94V-0 rated
thermoplastic
I
Operating temperature range:
-40°C to +105°C
I
Available in panel or chassis
mount and free-hanging
configurations
I
Quick connect/disconnect
capability with thread assist,
positive detent coupling
I
Built-in pin and socket
protection
I
Polarized for proper mating of
connector halves
I
Special connector configurations
offer special solder and posted
contacts, special receptacles
with or without threaded inserts
I
Full complement of optional
accessories
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.
for 250 VAC, rms
or 250 VDC, Service;
Series 1 and Series 3 (600 V);
Series 4 (600 V) and
Series 2, Series 6 (250 V)
File No. E28476
‡Select connectors are recognized
for 600 volts service.
MIL-C-5015 Style Circular
Plastic Connectors (CPC)
Product Facts
I
Intermateable with Metal-Shell
sizes 20-14 and
18-10, MIL-C-5015 Style
connectors
I
High impact resistant
plastic housing made of
UL 94V-0 rated material
I
Lightweight
I
Lower cost than standard MIL-C-
5015 connectors
I
Industry accepted Type III+ pin
and socket contacts, available
on reels in strip form for high
volume, low cost, automatic
machine terminations, or in
loose piece form for low
volume, prototype or
maintenance and repair
I
Improved alignment (U.S.
Standard MIL-C-5015
Connectors) prevents mismating
with other housing insert
arrangements
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by
Canadian Standards
Association,
File No. LR 7189
Miniature CPC
Connectors
Product Facts
I
Compact, high contact density,
environmentally sealed
connectors
I
Uses existing Mini-Universal
MATE-N-LOK stamped and
formed pin and socket contacts
I
Two shell sizes—available
in 1 to 4 and 5 to 9 position
configurations
Need more information?
Call Technical Support.
They are staffed with specialists
well versed in Tyco Electronics
products. They can provide:
I
Technical Support
I
Catalogs
I
Technical Documents
I
Product Samples
I
Authorized Tyco Electronics
Distributor Locations
©1973, 1975, 1976, 1978, 1981, 1983, 1985,
1989, 1990, 1991, 1992, 1995, 1996, 1999, 2000,
2001, 2002, 2004, 2006 and 2007 by Tyco
Electronics Corporation. All Rights Reserved.
AMP, AMPOMATOR, AMP-O-LECTRIC,
AMP-O-MATIC, AMP-TAPETRONIC,
CERTI-CRIMP, COAXICON, MATE-N-LOK,
POWERBAND, PRO-CRIMPER and TYCO are
trademarks.
Komax and TopWin are trademarks of
Komax AG.
TETRASEALS is a trademark of
Parker Hannifin Corporation.
AIRflex, FLEXAgraff, FLEXAquick, and ROHRflex
are trademarks of Flexa GmbH & Co.
Other products, logos, and Company names
mentioned herein may be trademarks of their
respective owners.
R
R
R
R
I
Produced under a Quality
Management System certified
to ISO 9001
I
A copy of the
certificate is available
upon request.
IS
O
90
01
Ce
rti
fie
d
Restriction on the use of
Hazardous Substances (RoHS)
At Tyco Electronics, we’re
ready to support your RoHS
requirements. We’ve assessed
more than 1.5 million end
items/components for RoHS
compliance, and issued new
part numbers where any
change was required to
eliminate the restricted
materials.
Part numbers in this catalog are
RoHS Compliant, unless
marked otherwise. These
products comply with European
Union Directive 2002/95/EC as
amended 1 January 2006 that
restricts the use of lead,
mercury, cadmium, hexavalent
chromium, PBB, and PBDE in
certain electrical and electronic
products sold into the EU as of
1 July 2006.
Note - For purposes of this
Catalog, included within the
definition of RoHS Compliant
are products that are clearly
“Out of Scope” of the RoHS
Directive such as hand tools
and other non-electrical
accessories. Information
regarding RoHS compliance is
provided based on reasonable
inquiry of our suppliers and
represents our current actual
knowledge based on the
information provided by our
suppliers. This information is
subject to change. For latest
compliance status, refer to our
website referenced at right.
Getting the Information
You Need
Our comprehensive on-line
RoHS Customer Support Center
provides a forum to answer
your questions and support
your RoHS needs. A RoHS FAQ
(Frequently Asked Questions) is
available with links to more
detailed information. You can
also submit RoHS questions
and receive a response within
24 hours during a normal work
week. The Support Center also
provides:
I
Cross-Reference from Non-
compliant to Compliant
Products
I
Ability to browse RoHS
Compliant Products in our
on-line catalog
I
Downloadable Technical Data
I
Customer Information
Presentation
I
More detailed information
regarding the definitions used
above
So whatever your questions
when it comes to RoHS, we’ve
got the answers at
www.tycoelectronics.com/leadfree


Similar Part No. - 206306-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2063068-1 TEC-2063068-1 Datasheet
262Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
2063069-1 TEC-2063069-1 Datasheet
262Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
More results

Similar Description - 206306-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-207303-3 MACOM-1-207303-3 Datasheet
3Mb / 51P
   AMP Circular Connectors for Commercial Signal & Power Applications
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
   Circular Connectors
logo
Hirose Electric
HR24A-8DLPA4SA2200A HIROSE-HR24A-8DLPA4SA2200A Datasheet
722Kb / 17P
   CIRCULAR WATER-PROOF CONNECTORS FOR SENSORS
logo
DB Lectro Inc
AEC0610SL-P9 DBLECTRO-AEC0610SL-P9 Datasheet
434Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
LinkCom Manufacturing C...
LTC0290-50 LINKCOM-LTC0290-50 Datasheet
216Kb / 3P
   Signal Chokes for Data and Telecom Applications
logo
DB Lectro Inc
AEC0810SL-P9 DBLECTRO-AEC0810SL-P9 Datasheet
435Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
ITT Industries
FRF ITT-FRF Datasheet
80Kb / 1P
   Circular Commercial Aircraft Military Aircraft
logo
Lumberg
0137 LUMBERG-0137 Datasheet
784Kb / 3P
   DIN circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
   Miniature circular connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com