Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6469001-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 6469001-1
Description  High Speed Backplane Interconnect Solutions
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6469001-1 Datasheet(HTML) 2 Page - Tyco Electronics

  6469001-1 Datasheet HTML 1Page - Tyco Electronics 6469001-1 Datasheet HTML 2Page - Tyco Electronics 6469001-1 Datasheet HTML 3Page - Tyco Electronics 6469001-1 Datasheet HTML 4Page - Tyco Electronics 6469001-1 Datasheet HTML 5Page - Tyco Electronics 6469001-1 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.te.com/products/2Piece-High-Speed
High Speed Backplane Connectors
TE Connectivity
Signal Integrity at TE
TE Connectivity gets the best performance out of connectors by applying system-level signal integrity design expertise to each high-speed product.
Our modeling and simulation skills are second to none with global expertise in the U.S., Europe, and Asia. Our global presence places simulation,
modeling, and system layout experts next to the customer.
Modeling and Simulation
At TE the design process starts with signal integrity. Signal integrity engineers use sophisticated 3D tools to provide accurate connector and footprint
via pattern performance prior to production. TE has the tools and expertise to get the right answer.
n
Ansys HFSS and CST
Microwave Studio Full-wave
3D tools
n
Both connector and footprint
via pattern(s) analyzed
before production
n
S-parameter and SPICE
analysis
n
Sophisticated ADS and
MATLAB system analysis
Customer Support and Tools
From test boards to simulation models, TE provides a library of tools that help you successfully implement your system.
Requests can be easily made through our signal integrity website: www.te.com/documentation/electrical-models
n
Ansys HFSS and CST Microwave Studio Full-wave 3D tools
n
Both connector and footprint via pattern(s) analyzed before
production
n
S-parameter and SPICE analysis
n
Sophisticated ADS and MATLAB system analysis
n
Measurement based S-parameter connector models (64+ ports)
n
Modeling based S-parameter connector models (64+ ports)
n
Footprint via pattern S-parameter and SPICE models
n
SPICE connector models
n
Connector evaluation test boards
n
System test boards
Test Capability
With measurement capabilities beyond 12.5 Gbps and 50 GHz, TE can characterize and provide detailed measurements for its products. Cutting-edge
measurement calibration techniques and board design enable accurate de-embedding of test fixtures. TE has also teamed with numerous silicon com-
panies to provide active device measurements that can be invaluable to assure the successful implementation of a design.
n
Advanced calibration techniques de-embed fixture
n
Frequency domain to 50 GHz
n
Time domain eye pattern/BERT to 12.5 Gbps
n
Active silicon testing – multiple vendors 2 – 10+ Gbps
n
Both system and “connector only” boards


Similar Part No. - 6469001-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
6469001-1 TEC-6469001-1 Datasheet
329Kb / 1P
   RECEPTACLE ASSEMBLY, 4 PAIR, HMZd
More results

Similar Description - 6469001-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
logo
Tyco Electronics
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
1-5102154-0 MACOM-1-5102154-0 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
logo
Lumberg
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
Tyco Electronics
2-1658526-3 MACOM-2-1658526-3 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
Tyco Electronics
1410186-1 MACOM-1410186-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com