Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

213850-1 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 213850-1
Description  AMP Circular Connectors for Commercial Signal and Power Applications
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

213850-1 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 213850-1 Datasheet HTML 7Page - Tyco Electronics 213850-1 Datasheet HTML 8Page - Tyco Electronics 213850-1 Datasheet HTML 9Page - Tyco Electronics 213850-1 Datasheet HTML 10Page - Tyco Electronics 213850-1 Datasheet HTML 11Page - Tyco Electronics 213850-1 Datasheet HTML 12Page - Tyco Electronics 213850-1 Datasheet HTML 13Page - Tyco Electronics 213850-1 Datasheet HTML 14Page - Tyco Electronics 213850-1 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
Standard Sex Connectors (Receptacles accept pin contacts, Plugs accept socket contacts)
Arrangement
Square Flange Receptacle
Shell
No. of
Keying
With Threaded
With Mounting
Plug
Size
Positions
Inserts1
Holes
13-7
A
211401-4
211401-1
211399-1
17-9
A
211767-2
211767-1
211766-1
23-19
A
211771-2
211771-1
211770-2
B
213870-1
213853-1
Reverse Sex Connectors (Receptacles accept socket contacts, Plugs accept pin contacts)
Arrangement
Square Flange Receptacle
Free-Hanging
Shell
No. of
Keying
With Threaded
With Mounting
Receptacle
Plug
Size
Positions
Inserts1
Holes
13-7
A
211398-4
211398-1
211398-2
211400-1
17-9
A
211769-1
211769-3
211768-1
B
796439-2
796450-1
23-19
A
211773-1
211772-1
B
213868-1
213852-1
1
Four 4-40 threaded inserts per receptacle.
Key Style “A” is the Standard 5 Locating Key arrangement. Key Style “B” is the 4 Locating Key arrangement.
11
Catalog 82021
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 7-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341
Circular Plastic Connectors, Series 1, VDE Tested
AMP Circular Connectors for
Commercial Signal and Power Applications
Note: All part numbers
are RoHS Compliant.
Keying
A—Standard Configuration: 5 Keys
B—Optional Configuration: 4 Keys
CPC Connectors, Series 1,
for Cable or Panel Mount
(Accepts Type III+, High-
Current Power, Type II and
Subminiature Coax
Contacts)
I
Designed to meet
requirements of VDE as
shown in DIN
Specification 57627
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.
for 600 VAC and
600 VDC service,
File No. E28476
I
Certified by Canadian
Standards
Association,
File No. LR 7189
Listed part numbers are for
connectors only;
contacts
must be ordered separately.
Material
Housing—Thermoplastic, 94V-0 rated,
black
Related Product Data
Contacts—Pages 17-23
Contact Arrangement—Page 24
Component Dimensions—Page 25*
Accessories—Pages 38-42, 52-54
Performance Characteristics—
Page 6
Application Tooling—Pages 76-79
Technical Documents—Page 80
Replacement Coupling Rings
Shell Size
Part No.
13
213813-1
17
213810-1
23
213812-1
R
R
Plug
*M Max.
*N Max.
*Thread Size
(See chart)
*J Dia.
Panel Cutout
*L Max.
*K
Max.
Free-Hanging Receptacle
*Panel Thk.
.125
[3.18]
Max.
*E Max.
*A
Max.
*A
Max.
*Thread Size
(See chart)
*Thread Size
(See chart)
*E Max.
*Note:
See page 25 for callout dimensions
*D
±.010
[±0.25]
*B
±.015
[±0.38]
*B
±.015
[±0.38]
*C
±.010
[±0.25]
*C
±.010
[±0.25]
*D
±.010
[±0.25]
*G
±.025
[±0.64]
*F
±.010
[±0.25]
*F
±.010
[±0.25]
*H
+.007
–.000
[+0.18]
Dia.
1
Four 4-40 threaded inserts per receptacle.
Square Flange Receptacle


Similar Part No. - 213850-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2138 POMONA-2138 Datasheet
21Kb / 1P
   Standard Banana Jack To Miniature Banana Plug
logo
Alpha Wire
2138 ALPHAWIRE-2138 Datasheet
96Kb / 3P
   Customer Specification
9/14/2022
logo
Heyco.
2138 HEYCO-2138 Datasheet
105Kb / 1P
   Universal Bushings
logo
Pomona Electronics
2138-0 POMONA-2138-0 Datasheet
21Kb / 1P
   Standard Banana Jack To Miniature Banana Plug
2138-2 POMONA-2138-2 Datasheet
21Kb / 1P
   Standard Banana Jack To Miniature Banana Plug
More results

Similar Description - 213850-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-207303-3 MACOM-1-207303-3 Datasheet
3Mb / 51P
   AMP Circular Connectors for Commercial Signal & Power Applications
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
   Economically priced for commercial and industrial applications
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
   Circular Connectors
logo
Hirose Electric
HR24A-8DLPA4SA2200A HIROSE-HR24A-8DLPA4SA2200A Datasheet
722Kb / 17P
   CIRCULAR WATER-PROOF CONNECTORS FOR SENSORS
logo
DB Lectro Inc
AEC0610SL-P9 DBLECTRO-AEC0610SL-P9 Datasheet
434Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
LinkCom Manufacturing C...
LTC0290-50 LINKCOM-LTC0290-50 Datasheet
216Kb / 3P
   Signal Chokes for Data and Telecom Applications
logo
DB Lectro Inc
AEC0810SL-P9 DBLECTRO-AEC0810SL-P9 Datasheet
435Kb / 1P
   PG-ADAPTER FOR MS CIRCULAR CONNECTORS
logo
ITT Industries
FRF ITT-FRF Datasheet
80Kb / 1P
   Circular Commercial Aircraft Military Aircraft
logo
Lumberg
0137 LUMBERG-0137 Datasheet
784Kb / 3P
   DIN circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
   Miniature circular connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com