Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1410206-1 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 1410206-1
Description  High Speed Backplane Connectors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1410206-1 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 1410206-1 Datasheet HTML 6Page - Tyco Electronics 1410206-1 Datasheet HTML 7Page - Tyco Electronics 1410206-1 Datasheet HTML 8Page - Tyco Electronics 1410206-1 Datasheet HTML 9Page - Tyco Electronics 1410206-1 Datasheet HTML 10Page - Tyco Electronics 1410206-1 Datasheet HTML 11Page - Tyco Electronics 1410206-1 Datasheet HTML 12Page - Tyco Electronics 1410206-1 Datasheet HTML 13Page - Tyco Electronics 1410206-1 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
146
Catalog 1773095
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
High Speed Backplane Connectors
MULTIGIG RT Connector Products (Continued)
Tier 2 Options
Signal Options Available:
0.8" Shown
Differential Wafers
Single-ended w/ 1:1 S/G Ratio
Single-ended w/ 2:1 S/G Ratio
Open Pin Field
(No Reference Ground)
Mixed, Differential and S/E Lines
Custom, VITA 41, Mixed
Up to 4 Power Lines/Wafer
Total of 19 AMPS/Wafer
Customization Options
(Continued)
The Tier 2 connector system
is fully customizable due to
the lack of a bussed ground
system. This allows us to
stack the many options
available (with more being
developed as needed) in
any configuration that is
necessary to meet the cus-
tomers needs. Shown here
are some of the options that
are currently available.
VITA, VMEbus, VPX, and VXS are
trademarks of VITA.


Similar Part No. - 1410206-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1410206-1 MACOM-1410206-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
logo
List of Unclassifed Man...
1410206-1 ETC2-1410206-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
More results

Similar Description - 1410206-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1410190-3 MACOM-1410190-3 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
1410200-1 MACOM-1410200-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
logo
List of Unclassifed Man...
1410965-1 ETC2-1410965-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
logo
Tyco Electronics
5223955-2 MACOM-5223955-2 Datasheet
6Mb / 42P
   High Speed Backplane Connectors
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Samtec, Inc
EBCB SAMTEC-EBCB Datasheet
777Kb / 2P
   HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS
Rev 02MAR21
logo
TE Connectivity Ltd
STRADA TEC-STRADA Datasheet
4Mb / 4P
   Backplane Connectors
logo
Glenair, Inc.
801-037 GLENAIR-801-037 Datasheet
416Kb / 2P
   Mighty Mouse High-Speed Connectors
logo
Hirose Electric
EX60T-C71P HIROSE-EX60T-C71P Datasheet
310Kb / 10P
   High-Speed Differential Signal Connectors
logo
Samtec, Inc
EBTM SAMTEC-EBTM_V01 Datasheet
1Mb / 2P
   HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com