Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-623224-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2-623224-1
Description  RITS CONN & MEMORY BOARD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-623224-1 Datasheet(HTML) 2 Page - Tyco Electronics

  2-623224-1 Datasheet HTML 1Page - Tyco Electronics 2-623224-1 Datasheet HTML 2Page - Tyco Electronics 2-623224-1 Datasheet HTML 3Page - Tyco Electronics 2-623224-1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
107-68879
3. PACKAGING MATERIAL 包装材料
Inner
Middle
Outer
LABEL
-
623865-4
623865-1
SEALING
-
Tape
Tape
4.PACKAGING QUANTITY 包装数量
P/N
Inner
Outer
1473567-4
240 pcs/carton
1473567-3
260 pcs/carton
1827930-1
640 pcs/carton
1827929-1
520 pcs/carton
5. PACKING METHOD 包装方法
For 1473567-3/4:
5.1. Load specify qty as 4 into tray.
按4中规定数量将产品放入TRAY中。
5.2. Place another tray of onto previous tray with products.and ensure the two trays are justification completely.
盖上另一个装满产品的TRAY,保证上下两个TRAY完全对齐。
5.3. Stack 4 trays with product one by one, then put an empty tray on the top
将装好产品的4个 TRAY 堆成一叠,最后在上面放一个空 TRAY。
5.4. Place stack trays on the paper pad , Then place another paper pad upon the cushion
& wrap 5 stacked trays with tape.(Figure 1)
如图1所示,将一叠TRAY放在一纸板(2-623224-1)上,然后在装好产品的tray上再放一纸板(2-623224-1)。
将堆成一叠的5个TRAY用胶带固定。
方法:如右图所示,在横方向缠2条,纵方向缠1条,每条缠 3 圈。
图 1(示意图仅作参考)
图 2(示意图仅作参考)
Rev E
QR-ME-030C Confidential
2 of 4
60 pcs/tray
65 x 4 + 1 empty tray = 260 pcs/inner box
26 pcs/tray
26 x 10 + 1 empty tray = 260 pcs/inner box
65 pcs/tray
32 pcs/tray
Middle
60 x 4 + 1 empty tray = 240 pcs/inner box
32 x 10 + 1 empty tray = 320 pcs/inner box


Similar Part No. - 2-623224-1

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
2-6 WINCHESTER-2-6 Datasheet
150Kb / 1P
   OUTLINE DRAWN HOODS REG TOP OPENING FOR TURNABLE JACKSCREWS
logo
TE Connectivity Ltd
2-6 TEC-2-6 Datasheet
154Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
2-6123001-1 TEC-2-6123001-1 Datasheet
374Kb / 2P
   EMBOSS ASSY FOR FH 0.8BTB CONNECTOR PLUG 8H 0.5 BOSS LENGTH (0.76um GOLD)
logo
Sony Corporation
2-639-881-01 SONY-2-639-881-01 Datasheet
3Mb / 38P
   SERVICE MANUAL
Ver. 1.0 2007. 08
logo
ETAL Group
2-6400 ETAL-2-6400 Datasheet
212Kb / 4P
   Motors, transformers, solenoids, controls for oil and gas boilers
More results

Similar Description - 2-623224-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0676000004 MOLEX11-0676000004 Datasheet
183Kb / 2P
   SD MEMORY CARD CONN. ASSY (TOP MOUND)
39-26-9076 MOLEX-39-26-9076 Datasheet
71Kb / 1P
   2.0 BOARD TO BOARD CONN, WAFER ASSY
51022-0900 MOLEX11-51022-0900 Datasheet
104Kb / 2P
   1.25 BOARD IN CONN. HOUSING
0524662871 MOLEX11-0524662871 Datasheet
319Kb / 3P
   0.8 BOARD TO BOARD CONN HOUSING ASSY SMT
logo
Amphenol Communications...
10075388 AMPHENOLCS-10075388 Datasheet
1Mb / 4P
   ra header board conn. metral hdxs board connector
Rev:H
logo
Molex Electronics Ltd.
53885-0308 MOLEX11-53885-0308 Datasheet
326Kb / 6P
   0.5 BOARD TO BOARD Conn PLUG Hgt=2.5mm
0525881875 MOLEX11-0525881875 Datasheet
298Kb / 3P
   0.8 BOARD TO BOARD CONN HOUSING ASSY SMT
52365-1091 MOLEX11-52365-1091 Datasheet
255Kb / 3P
   1.0 BOARD TO BOARD CONN. REC. HSG. ASSY SMT
0505398000 MOLEX11-0505398000 Datasheet
118Kb / 2P
   3.96 WIRE TO BOARD CONN CRIMP RECEPTACLE
logo
Weidmuller
0511272005 WEIDMULLER-0511272005 Datasheet
61Kb / 1P
   1.25 DUAL WIRE TO BOARD CONN. HOUSING
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com