Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM24W08 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # NM24W08
Description  2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM24W08 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button NM24W08 Datasheet HTML 4Page - Fairchild Semiconductor NM24W08 Datasheet HTML 5Page - Fairchild Semiconductor NM24W08 Datasheet HTML 6Page - Fairchild Semiconductor NM24W08 Datasheet HTML 7Page - Fairchild Semiconductor NM24W08 Datasheet HTML 8Page - Fairchild Semiconductor NM24W08 Datasheet HTML 9Page - Fairchild Semiconductor NM24W08 Datasheet HTML 10Page - Fairchild Semiconductor NM24W08 Datasheet HTML 11Page - Fairchild Semiconductor NM24W08 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
www.fairchildsemi.com
NM24Wxx Rev. C.2
Device Addressing
Following a start condition the master must output the address of
the slave it is accessing. The most significant four bits of the slave
address are those of the device type identifier (
see Figure 4). This
is fixed as 1010 for all EEPROM devices.
Slave Addresses (Figure 4)
All Standard IIC protocol EEPROMs use an internal protocol that
defines a PAGE BLOCK size of 2K bits (for Byte addresses 00
through FF). Therefore, address bits A0, A1, or A2 (if designated
'P') are used to access a PAGE BLOCK in conjuction with the Byte
address used to access any individual data byte.
Refer to the following table for Slave Address string details:
Device
A0 A1 A2
Page
Page Block
Blks
Addresses
NM24W02
A
A
A
1 (2K)
(None)
NM24W04
P
A
A
2 (4K)
0 1
NM24W08
P
P
A
4 (8K)
00 01 10 11
NM24W16
P
P
P
8 (16K)
000 001 010 011 100
101 110 111
Note:
A: Refers to a hardware configured Device Address pin.
P: Refers to an internal PAGE BLOCK memory segment
The last bit of the slave address defines whether a write or read
condition is requested by the master. A '1' indicates that a read
operation is to be executed, and a '0' initiates the write mode.
A simple review: After the NM24Wxx recognizes the start condi-
tion, the devices interfaced to the IIC bus wait for a slave address
to be transmitted over the SDA line. If the transmitted slave
address matches an address of one of the devices, the designated
slave pulls the line LOW with an acknowledge signal and awaits
further transmissions.
Device Type
Identifier
Device
Address
1
0
1
0
A2
A1
A0
R/W
(LSB)
NM24W02
Device Type
Identifier
Device
Address
Page
Block Address
1
0
1
0
A2
A1
A0
R/W
(LSB)
NM24W04
Device Type
Identifier
Device
Address
Page
Block Address
1
0
1
0
A2
A1
A0
R/W
(LSB)
NM24W08
Device Type
Identifier
Page
Block Address
1
0
1
0
A2
A1
A0
R/W
(LSB)
NM24W16
DS500074-11


Similar Part No. - NM24W08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24W16UEM8 FAIRCHILD-NM24W16UEM8 Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
NM24W16UEMT8 FAIRCHILD-NM24W16UEMT8 Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
NM24W16UEN FAIRCHILD-NM24W16UEN Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
NM24W16UFEM8 FAIRCHILD-NM24W16UFEM8 Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
NM24W16UFEMT8 FAIRCHILD-NM24W16UFEMT8 Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
More results

Similar Description - NM24W08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM34W02U FAIRCHILD-FM34W02U Datasheet
95Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM34W02 FAIRCHILD-NM34W02 Datasheet
93Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Samsung semiconductor
S524C20D10 SAMSUNG-S524C20D10 Datasheet
152Kb / 22P
   1K/2K/4K/8K-bit Serial EEPROM with software write protect
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Fairchild Semiconductor
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
   32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
   64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com