Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM24W08 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # NM24W08
Description  2K/4K/8K/16K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM24W08 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  NM24W08 Datasheet HTML 1Page - Fairchild Semiconductor NM24W08 Datasheet HTML 2Page - Fairchild Semiconductor NM24W08 Datasheet HTML 3Page - Fairchild Semiconductor NM24W08 Datasheet HTML 4Page - Fairchild Semiconductor NM24W08 Datasheet HTML 5Page - Fairchild Semiconductor NM24W08 Datasheet HTML 6Page - Fairchild Semiconductor NM24W08 Datasheet HTML 7Page - Fairchild Semiconductor NM24W08 Datasheet HTML 8Page - Fairchild Semiconductor NM24W08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
www.fairchildsemi.com
NM24Wxx Rev. C.2
Connection Diagrams
Dual-In-Line Package (N), SO Package (M8), and TSSOP Package (MT8)
Top View
See Package Number N08E (N), M08A (M8), and MTC08 (MT8)
Pin Names
A0,A1,A2
Device Address Inputs
V
SS
Ground
SDA
Data I/O
SCL
Clock Input
WP
Write Protect
V
CC
Power Supply
NC
No Connect
Ordering Information
NM
24
W
XX
LZ
E
XX
Letter
Description
Package
N
8-Pin DIP
M8
8-Pin SO8
MT8
8-Pin TSSOP
Temp. Range
None
0 to 70
°C
E
-40 to +85
°C
V
-40
°C to +125°C
Voltage Operating Range
Blank
4.5V to 5.5V
L
2.7V to 4.5V
LZ
2.7V to 4.5V and
<1
µA Standby Current
Density
02
2K
04
4K
08
8K
16
16K
W
Total Array Write Protect
Interface
24
IIC
NM
Fairchild Non-Volatile
Memory
A0
A1
A2
VSS
VCC
WP
SCL
SDA
8
7
6
5
1
2
3
4
DS500074-3
NM24W02
NC
A1
A2
VSS
VCC
WP
SCL
SDA
8
7
6
5
1
2
3
4
NC
NC
A2
VSS
VCC
WP
SCL
SDA
8
7
6
5
1
2
3
4
NC
NC
NC
VSS
VCC
WP
SCL
SDA
8
7
6
5
1
2
3
4
NM24W04
NM24W08
NM24W16
DS500074-4
DS500074-18
DS500074-2


Similar Part No. - NM24W08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24W16UEM8 FAIRCHILD-NM24W16UEM8 Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
NM24W16UEMT8 FAIRCHILD-NM24W16UEMT8 Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
NM24W16UEN FAIRCHILD-NM24W16UEN Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
NM24W16UFEM8 FAIRCHILD-NM24W16UFEM8 Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
NM24W16UFEMT8 FAIRCHILD-NM24W16UFEMT8 Datasheet
97Kb / 13P
   16K-Bit Serial EEPROM 2-Wire Bus Interface
More results

Similar Description - NM24W08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM34W02U FAIRCHILD-FM34W02U Datasheet
95Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM34W02 FAIRCHILD-NM34W02 Datasheet
93Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Samsung semiconductor
S524C20D10 SAMSUNG-S524C20D10 Datasheet
152Kb / 22P
   1K/2K/4K/8K-bit Serial EEPROM with software write protect
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Fairchild Semiconductor
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
   32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
   64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com