Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

917706-1 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 917706-1
Description  AMP Soft Shell Pin and Socket Connectors
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

917706-1 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 917706-1 Datasheet HTML 2Page - Tyco Electronics 917706-1 Datasheet HTML 3Page - Tyco Electronics 917706-1 Datasheet HTML 4Page - Tyco Electronics 917706-1 Datasheet HTML 5Page - Tyco Electronics 917706-1 Datasheet HTML 6Page - Tyco Electronics 917706-1 Datasheet HTML 7Page - Tyco Electronics 917706-1 Datasheet HTML 8Page - Tyco Electronics 917706-1 Datasheet HTML 9Page - Tyco Electronics 917706-1 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 134 page
background image
6
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Table of Contents (Continued)
AMP
Soft Shell
Pin and Socket Connectors
5.0 mm Power Key Connectors (5.0 PKC).............................135-141
Product Facts .........................................................................................................135
Performance Characteristics ...................................................................................135
Quick Reference Chart for Mating Part Numbers.....................................................136
Contacts and Double Lock Plates ...........................................................................137
Plug Housings: 1 Row ...........................................................................................138
2 Row ...........................................................................................139
Headers, PC Board, Vertical: 1 Row .......................................................................140
2 Row .......................................................................141
.093 [2.36] Commercial Pin and Socket Connectors ...............143-149
Product Facts..........................................................................................................143
Performance Characteristics............................................................................143-144
Contacts .................................................................................................................145
Housings: Free-Hanging or Panel Mount.......................................................146-149
Commercial MATE-N-LOK Connectors .................................151-164
Product Facts..........................................................................................................151
Performance Characteristics............................................................................151-152
Mating Combinations......................................................................................153-154
Contacts, Commoning Tabs and Keying Plug .................................................155-156
Housings: Free-Hanging........................................................................................157
Positive Lock ........................................................................................158
Panel Mount .........................................................................................159
Flange Mount and Motor Mount...........................................................160
Headers, PC Board: Vertical Pin ............................................................................161
Surface Mount Right-Angle Pin and Vertical Socket..............162
Right-Angle Pin .....................................................................163
Insulation Displacement Connectors (IDC) and Dust Covers .................................163
Right-Angle Pin Headers with Fix Belt....................................................................164
.140 MATE-N-LOK Connectors ..........................................165-167
Product Facts..........................................................................................................165
Performance Characteristics ...................................................................................165
Contacts .................................................................................................................166
Housings: Free-Hanging........................................................................................166
Panel Mount .........................................................................................167
Standard Density


Similar Part No. - 917706-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
917706-1 MACOM-917706-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917706-1 MACOM-917706-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917706-1 MACOM-917706-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results

Similar Description - 917706-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-770178-1 MACOM-1-770178-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-794068-1 MACOM-1-794068-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-1586038-4 MACOM-1-1586038-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
917845-1 MACOM-917845-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
4016-1 MACOM-4016-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
172163-1 MACOM-172163-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
794077-2 MACOM-794077-2 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1-770166-0 MACOM-1-770166-0 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
1586037-4 MACOM-1586037-4 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
177898-1 MACOM-177898-1 Datasheet
2Mb / 134P
   AMP Soft Shell Pin and Socket Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com