Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-87224-3 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 1-87224-3
Description  AMPMODU .025 [0.64] Square Interconnection System
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87224-3 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button 1-87224-3 Datasheet HTML 5Page - Tyco Electronics 1-87224-3 Datasheet HTML 6Page - Tyco Electronics 1-87224-3 Datasheet HTML 7Page - Tyco Electronics 1-87224-3 Datasheet HTML 8Page - Tyco Electronics 1-87224-3 Datasheet HTML 9Page - Tyco Electronics 1-87224-3 Datasheet HTML 10Page - Tyco Electronics 1-87224-3 Datasheet HTML 11Page - Tyco Electronics 1-87224-3 Datasheet HTML 12Page - Tyco Electronics 1-87224-3 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
93
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Standard Headers—Unshrouded, Single Row, .100 [2.54] Centerline
AMPMODU Interconnection System
5
No. of
Dimensions
Post Plating/Part Nos.
Pos.
A
B
Plating A
Plating B
1
.084 [2.13]
87220-1
87224-1
2
.184 [4.67]
.100 [2.54]
87220-2
87224-2
3
.284 [7.21]
.200 [5.08]
87220-3
87224-3
4
.384 [9.75]
.300 [7.62]
87220-4
87224-4
5
.484 [12.29]
.400 [10.16]
87220-5
87224-5
6
.584 [14.83]
.500 [12.70]
87220-6
87224-6
7
.684 [17.37]
.600 [15.24]
87220-7
87224-7
8
.784 [19.91]
.700 [17.78]
87220-8
87224-8
9
.884 [22.45]
.800 [20.32]
87220-9
87224-9
10
.984 [24.99]
.900 [22.86]
1-87220-0
1-87224-0
11
1.084 [27.53]
1.000 [25.40]
1-87220-1
1-87224-1
12
1.184 [30.07]
1.100 [27.94]
1-87220-2
1-87224-2
13
1.284 [32.61]
1.200 [30.48]
1-87220-3
1-87224-3
14
1.384 [35.15]
1.300 [33.02]
1-87220-4
1-87224-4
15
1.484 [37.69]
1.400 [35.56]
1-87220-5
1-87224-5
16
1.584 [40.23]
1.500 [38.10]
1-87220-6
1-87224-6
17
1.684 [42.77]
1.600 [40.64]
1-87220-7
1-87224-7
18
1.784 [45.31]
1.700 [43.18]
1-87220-8
1-87224-8
19
1.884 [47.85]
1.800 [45.72]
1-87220-9
1-87224-9
20
1.984 [50.39]
1.900 [48.26]
2-87220-0
2-87224-0
21
2.084 [52.93]
2.000 [50.80]
2-87220-1
2-87224-1
22
2.184 [55.47]
2.100 [53.34]
2-87220-2
2-87224-2
23
2.284 [58.01]
2.200 [55.88]
2-87220-3
2-87224-3
24
2.384 [60.55]
2.300 [58.42]
2-87220-4
2-87224-4
25
2.484 [63.09]
2.400 [60.96]
2-87220-5
2-87224-5
26
2.584 [65.63]
2.500 [63.50]
2-87220-6
2-87224-6
27
2.684 [68.17]
2.600 [66.04]
2-87220-7
2-87224-7
28
2.784 [70.71]
2.700 [68.58]
2-87220-8
2-87224-8
29
2.884 [73.25]
2.800 [71.12]
2-87220-9
2-87224-9
30
2.984 [75.79]
2.900 [73.66]
3-87220-0
3-87224-0
31
3.084 [78.33]
3.000 [76.20]
3-87220-1
3-87224-1
32
3.184 [80.87]
3.100 [78.74]
3-87220-2
3-87224-2
33
3.284 [83.41]
3.200 [81.28]
3-87220-3
3-87224-3
34
3.384 [85.95]
3.300 [83.82]
3-87220-4
3-87224-4
35
3.484 [88.49]
3.400 [86.36]
3-87220-5
3-87224-5
36
3.584 [91.03]
3.500 [88.90]
3-87220-6
3-87224-6
37
3.684 [93.57]
3.600 [91.44]
3-87220-7
3-87224-7
38
3.784 [96.11]
3.700 [93.98]
3-87220-8
3-87224-8
39
3.884 [98.65]
3.800 [96.52]
3-87220-9
3-87224-9
40
3.984 [101.19]
3.900 [99.06]
4-87220-0
4-87224-0
A
.200
[5.08]
Ref.
(Contact Area)
B
.042
[1.07]
Typ.
.025 [0.64] Square
Straight Post
Material and Finish
Housing — Black thermoplastic,
94V-0 rated
Posts — Copper alloy, plated as fol-
lows:
Plating A — Selectively plated
.000030 [0.00076] gold on contact area,
with gold flash over .000050 [0.00127]
nickel on entire post
Plating B — Selectively plated
.000015 [0.00038] gold on contact area,
with gold flash over .000050 [0.00127]
nickel on entire post
Tin/Nickel — Plating option available;
minimum order quantities may apply.
Consult Tyco Electronics.
Related Product Data
Mateable Connectors —
Refer to the Mating Post Selection
Guide — page 90
Technical Documents — page 276
See mating connector for applicable
product and application specifications.
.125
[3.18]
.318
[8.08]
.046/.038
[1.17/0.97]
B
.100*
[2.54]
.035±.003
[0.89±0.08]
Dia.Typ.
Recommended PC Board Hole Layout
(for .055 [1.40] min. thick PC board)
*±.003 [±0.08] tolerances not to accumulate
within one connector pattern.
.100
[2.54]
Typ.
.090
[2.29]
.050
[1.27]
Max. Typ.
Note: All part numbers are RoHS
compliant.


Similar Part No. - 1-87224-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-87224-3 MACOM-1-87224-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
1-87224-3 MACOM-1-87224-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
1-87224-3 MACOM-1-87224-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
More results

Similar Description - 1-87224-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-146130-3 MACOM-5-146130-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
logo
Molex Electronics Ltd.
08-52-1201 MOLEX11-08-52-1201 Datasheet
122Kb / 8P
   TERMINAL PIN 0.64 / .025 SQ. WIRE
logo
Japan Aviation Electron...
MX57A JAE-MX57A Datasheet
924Kb / 6P
   0.64 (025) Non-waterproof SRS Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com