Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1410233-1 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 1410233-1
Description  High Speed Backplane Connectors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1410233-1 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 1410233-1 Datasheet HTML 2Page - Tyco Electronics 1410233-1 Datasheet HTML 3Page - Tyco Electronics 1410233-1 Datasheet HTML 4Page - Tyco Electronics 1410233-1 Datasheet HTML 5Page - Tyco Electronics 1410233-1 Datasheet HTML 6Page - Tyco Electronics 1410233-1 Datasheet HTML 7Page - Tyco Electronics 1410233-1 Datasheet HTML 8Page - Tyco Electronics 1410233-1 Datasheet HTML 9Page - Tyco Electronics 1410233-1 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
142
Catalog 1773095
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
High Speed Backplane Connectors
MULTIGIG RT Connector Products (Continued)
Signal Modules
Tier 1 and Tier 2 recepta-
cles contain eye-of-needle
compliant pin signal con-
tacts; the Tier 1 receptacle
also contains ground con-
tacts. Each housing fea-
tures standoffs for thermal
venting, polarization ribs
(on end modules) and
polarization slots (on the
center module) for proper
stacking of the modules,
and polarization posts to
ensure correct orientation
on the pc board.
Plugs contain eye-of-needle
compliant pin signal
contacts and pc wafers
(blades). The housing
features alignment pins to
ensure correct orientation
on the pc board.
Guide Assemblies
The guide assembly
consists of a guide pin
(used with receptacles)
and a guide module (used
with plugs).
The guide pin features a
collar and mounting post
(having a screw hole or
threads) with or without a
key. The guide pins are
available with various length
mounting posts. The mount-
ing post is used with cus-
tomer supplied hardware to
attach the guide pin to the
pc board. Guide pins must
be chosen according to
thickness of pc board being
used; otherwise, interfer-
ence with proper mating or
damage to system compo-
nents will occur. Guide pins
with keys are available in
various keying positions.
The guide module features
a housing with or without a
key and with a screw hole,
mounting post, and pilot
post. The mounting post
and pilot post are used to
position the guide module
on the pc board, and the
screw hole is used with
customer supplied hard-
ware to attach the module
to the pc board. The 10.80
[.425] and 9.00 [.354] guide
module is available with or
without an ESD contact
located inside the module.
Right Angle Plug
(Daughtercard) Connector
Product Selection Guide
(Continued)
Half
Left End Module
Full
Left End Module
Full
Right End Module
10.8 mm
Guide Module
7.2 mm
Guide Module
Stand Alone
Module
Half
Right End Module
Center Module
Housing
PC Wafers (Blades)
Alignment Pin
ESD Contact
(Inside Module)
(Optional)
Housing
Pilot Post
Screw Hole
Mounting Post
Key
No Key
Contact
Pads
Eye-of-Needle
Compliant Pin
Signal Contact


Similar Part No. - 1410233-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1410233-1 MACOM-1410233-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
logo
List of Unclassifed Man...
1410233-1 ETC2-1410233-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
More results

Similar Description - 1410233-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1410190-3 MACOM-1410190-3 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
1410200-1 MACOM-1410200-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
logo
List of Unclassifed Man...
1410965-1 ETC2-1410965-1 Datasheet
1Mb / 26P
   High Speed Backplane Connectors
logo
Tyco Electronics
5223955-2 MACOM-5223955-2 Datasheet
6Mb / 42P
   High Speed Backplane Connectors
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Samtec, Inc
EBCB SAMTEC-EBCB Datasheet
777Kb / 2P
   HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS
Rev 02MAR21
logo
TE Connectivity Ltd
STRADA TEC-STRADA Datasheet
4Mb / 4P
   Backplane Connectors
logo
Glenair, Inc.
801-037 GLENAIR-801-037 Datasheet
416Kb / 2P
   Mighty Mouse High-Speed Connectors
logo
Hirose Electric
EX60T-C71P HIROSE-EX60T-C71P Datasheet
310Kb / 10P
   High-Speed Differential Signal Connectors
logo
Samtec, Inc
EBTM SAMTEC-EBTM_V01 Datasheet
1Mb / 2P
   HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com